Electronic Components Datasheet Search
  English  ▼

X  

LT1310 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1310
Description  1.5A Boost DC/DC Converter with Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology LT1310 Datasheet HTML 10Page - Linear Technology LT1310 Datasheet HTML 11Page - Linear Technology LT1310 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1310
sn1310 1310fs
Inductor Selection
Several inductors that work well with the LT1310 are listed
in Table 2. This table is not exclusive; there are many other
manufacturers and inductors that can be used. Consult
each manufacturer for more detailed information and for
their entire selection of related parts, as many different
sizes and shapes are available. Ferrite core inductors
should be used to obtain the best efficiency, as core losses
at high frequency are much lower for ferrite cores than for
the cheaper powdered-iron ones. Choose an inductor that
can handle at least 1.5A without saturating, and ensure
that the inductor has a low DCR (copper wire resistance)
to minimize I2R power losses. Note that in some applica-
tions, the current handling requirements of the inductor
can be lower, such as in the SEPIC topology where each
inductor only carries one-half of the total switch current.
Switching frequency will also affect inductor require-
ments with higher frequencies corresponding to lower
inductance values. A good starting point is to set the
inductor ripple current equal to one-third of the peak
switch current.
The inductors shown in Table 2 were chosen for small size.
For better efficiency, use similar valued inductors with a
larger volume.
Table 2. Recommended Inductors
MAX
SIZE
L
DCR
L
× W × H
PART
(
µH) (mΩ)
(mm)
VENDOR
CDRH5D18-4R1
4.1
57
5.7
× 5.7 × 2 Sumida
CDRH5D18-5R4
5.4
76
(847) 956-0666
CDRH5D28-5R3
5.3
38
5.7
× 5.7 × 3 www.sumida.com
CDRH5D28-6R2
6.2
45
CDRH5D28-8R2
8.2
53
CR43-2R2
2.2
71
4.5
× 4 × 3.2
CR43-3R3
3.3
86
ELL6SH-4R7M
4.7
50
6.4
× 6 × 3
Panasonic
ELL6SH-5R6M
5.6
59
(408) 945-5660
ELL6SH-6R8M
6.8
62
www.panasonic.com
RLF5018T-4R7M1R4 4.7
45
5.6
× 5.2 × 1.8 TDK
RLF5018-1R5M2R1
1.5
25
5.2
× 5.6 × 1.8 (847) 803-6100
RLF5018-2R7M1R8
2.7
33
www.tdk.com
RLF5018-4R7M1R4
4.7
45
RLF5018-100MR94
10
67
LPO1704-122MC
1.2
80
5.5
× 6.6 × 1 Coilcraft
LPO1704-222MC
2.2
120
(800) 322-2645
www.coilcraft.com
APPLICATIO S I FOR ATIO
Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used at the output to minimize the output ripple voltage.
Multilayer ceramic capacitors are an excellent choice, as
they have an extremely low ESR and are available in very
small packages. X5R dielectrics are preferred, followed by
X7R, as these materials retain the capacitance over wide
voltage and temperature ranges. A 4.7
µF to 20µF output
capacitor is sufficient for most applications, but systems
with very low output currents may need only a 1
µFor2.2µF
output capacitor. Solid tantalum or OS-CON capacitors
can be used, but they will occupy more board area than a
ceramic and will have a higher ESR. Always use a capacitor
with a sufficient voltage rating.
Ceramic capacitors also make a good choice for the input
decoupling capacitor, which should be placed as close as
possible to the LT1310. A 2.2
µF to 4.7µF input capacitor is
sufficient for most applications. Table 3 shows a list of
several ceramic capacitor manufacturers. Consult the
manufacturers for detailed information on their entire
selection of ceramic parts.
Table 3. Ceramic Capacitor Manufacturers
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Compensation—Adjustment
To compensate the feedback loop of the LT1310, a series
resistor-capacitor network should be connected from the
VC pin to GND. For most applications, a capacitor in the
range of 220pF to 1500pF will suffice. With a switching
frequency of 1.6MHz, a good starting value for the com-
pensation capacitor, CC, is 820pF. The compensation
resistor, RC, is usually in the range of 5k to 30k. A good
technique to compensate a new application is to use a
30k
Ω potentiometer in place of RC, and use a 820pF
capacitor for CC. By adjusting the potentiometer while
observing the transient response, the optimum value for
RC can be found. Figures 3a to 3c illustrate this process
for the circuit of Figure 1 with a load current stepped from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com