Electronic Components Datasheet Search
  English  ▼

X  

LT1310 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1310
Description  1.5A Boost DC/DC Converter with Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 4 Page - Linear Technology

  LT1310 Datasheet HTML 1Page - Linear Technology LT1310 Datasheet HTML 2Page - Linear Technology LT1310 Datasheet HTML 3Page - Linear Technology LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1310
sn1310 1310fs
Switch Minimum On Time
PLL Lock Range
220pF Capacitor on CT Pin
Supply Current
Switch VCESAT
TEMPERATURE (
°C)
–50
40
50
60
70
80
100
–25
025
50
1310 G10
75
100
90
TEMPERATURE (
°C)
–50
200
400
600
800
1000
1400
–25
025
50
1310 G11
75
100
1200
MAXIMUM
MINIMUM
TEMPERATURE (
°C)
–50
500
1000
1500
2000
2500
3500
–25
025
50
1310 G12
75
100
3000
MAXIMUM
MINIMUM
PLL Lock Range
47pF Capacitor on CT Pin
TEMPERATURE (
°C)
–50
7
8
9
10
11
12
–25
025
50
1310 G13
75
100
SWITCH CURRENT (A)
0
0
100
200
300
400
0.5
1.0
1310 G15
1.5
Transient Response
PLL Response
Start-Up Response
VOUT
100mV/DIV
IL
500mA/DIV
200mA
100mA
ILOAD
fSYNC = 1.5MHz
50
µs/DIV
LT1310 G16
VOUT
50mV/DIV
IL
200mA/DIV
1.9MHz
1.2MHz
fSYNC
50
µs/DIV
LT1310 G17
VOUT
5V/DIV
IL
1A/DIV
VSHDN
NO SYNC SIGNAL 20
µs/DIV
LT1310 G18
f = 1.2MHz
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com