Electronic Components Datasheet Search
  English  ▼

X  

LT1310 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1310
Description  1.5A Boost DC/DC Converter with Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 1 Page - Linear Technology

  LT1310 Datasheet HTML 1Page - Linear Technology LT1310 Datasheet HTML 2Page - Linear Technology LT1310 Datasheet HTML 3Page - Linear Technology LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1310
sn1310 1310fs
1.5A Boost
DC/DC Converter
with Phase-Locked Loop
The LT
®1310 boost DC/DC converter combines a 1.5A
current mode PWM switcher with an integrated phase-
locked loop, allowing the user to set the switching fre-
quency anywhere from 10kHz to 4.5MHz. Intended for use
in applications where switching frequency must be accu-
rately controlled, the LT1310 can generate 12V at up to
400mA from a 5V input.
Switching frequency is set with an external capacitor, and
the device can be operated in either free-running or phase-
locked mode. A wide capture range of nearly 2:1 allows the
free-running frequency to be set using standard
±10%
tolerance NP0 dielectric capacitors.
The LT1310 is available in the tiny thermally enhanced
10-lead MSOP package.
s
Synchronizable or Constant Frequency
Low Noise Output
s
Synchronizable Up to 4.5MHz
s
Wide Input Voltage Range: 2.8V to 18V
s
Low Profile Surface Mount Solution
(All Ceramic Capacitors)
s
Low VCESAT Switch: 240mV at 1A
s
Adjustable Output from VIN to 35V
s
Small Thermally Enhanced 10-Lead MSOP Package
s
Instruments
s
Avionics
s
Data Acquisition
s
Communications
s
Imaging
s
Ultrasound
, LTC and LT are registered trademarks of Linear Technology Corporation.
VIN
SHDN
SHUTDOWN
SYNC
1.6MHz
SYNC
PLL-LPF
3.01k
VIN
5V
15k
178k
20.5k
100pF
NP0
1310 F01a
C2
4.7
µF
CERAMIC
VOUT
12V
400mA
1500pF
820pF
C1: 4.7
µF, X5R OR X7R, 6.3V
C2: 4.7
µF, X5R OR X7R, 16V
D1: MICROSEMI UPS120 OR EQUIVALENT
L1: PANASONIC ELL6SH-5R6M
*EXPOSED PAD MUST ALSO BE GROUNDED
C1
4.7
µF
CERAMIC
FB
CT
VC
SW
D1
LT1310
L1
5.6
µH
GND*
LOAD CURRENT (mA)
0
35
45
55
65
75
100
200
1310 F01b
400
300
85
40
50
60
70
80
90
3.3VIN
VOUT = 12V
5VIN
Figure 1. 5V to 12V Converter Synchronized at 1.6MHz
LT1310 Efficiency
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1310

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1310 LINER-LT1310 Datasheet
376Kb / 12P
1.5A Boost DC/DC Converter with Phase-Locked Loop
LT1310 LINER-LT1310 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1310EMSE LINER-LT1310EMSE Datasheet
376Kb / 12P
1.5A Boost DC/DC Converter with Phase-Locked Loop
More results

Similar Description - LT1310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Linear Technology
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1310 LINER-LT1310 Datasheet
376Kb / 12P
1.5A Boost DC/DC Converter with Phase-Locked Loop
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A_15 Datasheet
323Kb / 12P
2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com