Electronic Components Datasheet Search
  English  ▼

X  

LTC1144 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1144
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1144 Datasheet HTML 3Page - Linear Technology LTC1144 Datasheet HTML 4Page - Linear Technology LTC1144 Datasheet HTML 5Page - Linear Technology LTC1144 Datasheet HTML 6Page - Linear Technology LTC1144 Datasheet HTML 7Page - Linear Technology LTC1144 Datasheet HTML 8Page - Linear Technology LTC1144 Datasheet HTML 9Page - Linear Technology LTC1144 Datasheet HTML 10Page - Linear Technology LTC1144 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC1144
7
1144fa
For more information www.linear.com/LTC1144
applicaTions inForMaTion
theory will explain how the LTC1144 behaves. The loss,
and hence the efficiency, is set by the output impedance.
As frequency is decreased, the output impedance will
eventually be dominated by the 1/(f
× C1) term and power
efficiency will drop.
Note also that power efficiency decreases as frequency
goes up. This is caused by internal switching losses which
occurduetosomefinitechargebeinglostoneachswitching
cycle. This charge loss per unit cycle, when multiplied by
the switching frequency, becomes a current loss. At high
frequency this loss becomes significant and the power
efficiency starts to decrease.
Figure 5. Power Conversion Efficiency and Output
Resistance vs Oscillator Frequency
SHDN (Pin 6)
The LTC1144 has a SHDN pin that will disable the internal
oscillator when it is pulled low. The supply current will
also drop to 8µA.
OSC (Pin 7) and Boost (Pin 1)
The switching frequency can be raised, lowered or driven
from an external source. Figure 6 shows a functional
diagram of the oscillator circuit.
By connecting the boost pin (pin 1) to V+, the charge and
discharge current is increased, and hence the frequency
is increased by approximately 10 times. Increasing the
frequency will decrease output impedance and ripple for
higher load currents.
Loading pin 7 with more capacitance will lower the
frequency. Using the boost (pin 1) in conjunction with
external capacitance on pin 7 allows user selection of the
frequency over a wide range.
Driving the LTC1144 from an external frequency source
can be easily achieved by driving pin 7 and leaving the
boost pin open as shown in Figure 7. The output current
from pin 7 is small, typically 4µA, so a logic gate is capable
of driving this current. The choice of using a CMOS logic
gate is best because it can operate over a wide supply
voltage range (3V to 15V) and has enough voltage swing
to drive the internal Schmitt trigger shown in Figure 6. For
5V applications, a TTL logic gate can be used by simply
adding an external pull-up resistor (see Figure 7).
Capacitor Selection
External capacitors C1 and C2 are not critical. Matching is
not required, nor do they have to be high quality or tight
tolerance.Aluminumortantalumelectrolyticsareexcellent
choices, with cost and size being the only consideration.
Figure 6. Oscillator
Figure 7. External Clocking
OSCILLATOR FREQUENCY (kHz)
0.1
100
95
90
85
80
75
70
600
500
400
300
200
100
0
1
10
100
1144 F05
V+ = 15V, C1 = C2 = 10µF
IL = 20mA, TA = 25°C
POWER
CONVERSION
EFFICIENCY
OUTPUT
RESISTANCE
OSC
(7)
SCHMITT
TRIGGER
BOOST
(1)
1144 F06
9I
9I
I
I
V+
GND
(3)
≈20pF
1
2
3
4
8
7
6
5
+
C1
OSC INPUT
NC
REQUIRED FOR
TTL LOGIC
C2
100k
–(V+)
V+
1144 F07
LTC1144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com