Electronic Components Datasheet Search
  English  ▼

X  

LTC1144 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1144
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144 Datasheet(HTML) 1 Page - Linear Technology

  LTC1144 Datasheet HTML 1Page - Linear Technology LTC1144 Datasheet HTML 2Page - Linear Technology LTC1144 Datasheet HTML 3Page - Linear Technology LTC1144 Datasheet HTML 4Page - Linear Technology LTC1144 Datasheet HTML 5Page - Linear Technology LTC1144 Datasheet HTML 6Page - Linear Technology LTC1144 Datasheet HTML 7Page - Linear Technology LTC1144 Datasheet HTML 8Page - Linear Technology LTC1144 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC1144
1
1144fa
For more information www.linear.com/LTC1144
Typical applicaTion
FeaTures
DescripTion
Switched-Capacitor
Wide Input Range
Voltage Converter
with Shutdown
The LTC®1144 is a monolithic CMOS switched-capacitor
voltage converter. It performs supply voltage conversion
from positive to negative from an input range of 2V to
18V, resulting in complementary output voltages of –2V to
–18V. Only two noncritical external capacitors are needed
for the charge pump and charge reservoir functions.
The converter has an internal oscillator that can be
overdriven by an external clock or slowed down when
connected to a capacitor. The oscillator runs at a 10kHz
frequency when unloaded. A higher frequency outside the
audio band can also be obtained if the Boost Pin is tied to
V+. The SHDN pin reduces supply current to 8µA and can
be used to save power when the converter is not in use.
TheLTC1144containsaninternaloscillator,divide-by-two,
voltage level shifter, and four power MOSFETs. A special
logic circuit will prevent the power N-channel switch
substrate from turning on.
applicaTions
n
Wide Operating Supply Voltage Range: 2V to 18V
n
Boost Pin (Pin 1) for Higher Switching Frequency
n
Simple Conversion of 15V to –15V Supply
n
Low Output Resistance: 120Ω Maximum
n
Power Shutdown to 8µA with SHDN Pin
n
Open Circuit Voltage Conversion Efficiency:
99.9% Typical
n
Power Conversion Efficiency: 93% Typical
n
Easy to Use
n
Conversion of 15V to ±15V Supplies
n
Inexpensive Negative Supplies
n
Data Acquisition Systems
n
High Voltage Upgrade to LTC1044 or 7660
n
Voltage Division and Multiplications
n
Automotive Applications
n
Battery Systems with Wall Adapter/Charger
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Output Voltage vs Load Current, V+ = 15V
Generating –15V from 15V
1
2
3
4
8
7
6
5
BOOST
CAP+
GND
CAP–
V+
OSC
SHDN
VOUT
+
10µF
–15V OUTPUT
15V INPUT
LTC1144
10µF
1144 TA01
LOAD CURRENT (mA)
0
10
–15
–14
–13
–12
–11
–10
40
1144 TA02
20
30
50
ROUT = 56
TA = 25°C


Similar Part No. - LTC1144

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1144 LINER-LTC1144 Datasheet
235Kb / 8P
Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
LTC1144 LINER-LTC1144 Datasheet
196Kb / 12P
High Voltage, Low Quiescent Current
logo
Analog Devices
LTC1144 AD-LTC1144 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
logo
Linear Technology
LTC1144C LINER-LTC1144C Datasheet
235Kb / 8P
Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
LTC1144CN8 LINER-LTC1144CN8 Datasheet
235Kb / 8P
Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
More results

Similar Description - LTC1144

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8828 AD-ADM8828 Datasheet
67Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV.A
logo
Linear Technology
LTC1144 LINER-LTC1144 Datasheet
235Kb / 8P
Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828 AD-ADM8828_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
Switched Capacitor Voltage Inverter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com