Electronic Components Datasheet Search
  English  ▼

X  

LTC1144 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1144
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144 Datasheet(HTML) 4 Page - Linear Technology

  LTC1144 Datasheet HTML 1Page - Linear Technology LTC1144 Datasheet HTML 2Page - Linear Technology LTC1144 Datasheet HTML 3Page - Linear Technology LTC1144 Datasheet HTML 4Page - Linear Technology LTC1144 Datasheet HTML 5Page - Linear Technology LTC1144 Datasheet HTML 6Page - Linear Technology LTC1144 Datasheet HTML 7Page - Linear Technology LTC1144 Datasheet HTML 8Page - Linear Technology LTC1144 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1144
4
1144fa
For more information www.linear.com/LTC1144
Typical perForMance characTerisTics
Oscillator Frequency as a
Function of COSC
Oscillator Frequency
vs Temperature
Output Voltage vs Load Current
Output Voltage vs Load Current
Supply Current as a Function of
Oscillator Frequency
Power Conversion Efficiency and
Supply Current vs Load Current
Output Resistance
vs Supply Voltage
Output Resistance vs
Temperature
Oscillator Frequency
vs Supply Voltage
SUPPLY VOLTAGE (V)
2
0
50
100
150
200
6
10
14
18
LTC1144 • TPC01
250
300
4
8
12
16
TA = 25°C
EXTERNAL CAPACITANCE (PIN 7 TO GND), COSC (pF)
1
1
10
10000
LTC1144 • TPC04
0.1
0.01
10
100
1000
1000
100
TA = 25°C
V+ = 15V
BOOST = OPEN OR GROUND
BOOST = V+
LOAD CURRENT (mA)
0
–5
–4
–3
–2
–1
0
5
10
15
20
LTC1144 • TPC07
25
30
TA = 25°C
V+ = 5V
C1 = C2 = 10µF
BOOST = OPEN
ROUT = 90
TEMPERATURE (°C)
–55
100
120
140
25
75
LTC1144 • TPC02
80
60
–25
0
50
100
125
40
20
V+ = 5V
IL = 3mA
V+ = 15V
IL = 20mA
TEMPERATURE (°C)
–55 –25
10
100
1000
0
25
50
75
100 125
LTC1144 • TPC05
1
BOOST = V+
BOOST = OPEN OR GROUND
TA = 25°C
V+ = 15V
OSCILLATOR FREQUENCY (kHz)
0.01
100
1000
100
LTC1144 • TPC08
10
1
0.1
1
10
10000
TA = 25°C
C1 = C2 = 10µF
V+ = 15V
V+ = 5V
SUPPLY VOLTAGE (V)
2
10
100
1000
6
10
14
4
8
12
16
18
LTC1144 • TPC03
1
TA = 25°C
COSC = 0
BOOST = V+
BOOST = OPEN OR GROUND
LOAD CURRENT (mA)
0
–15
–10
–5
0
10
20
30
40
LTC1144 • TPC06
50
60
TA = 25°C
V+ = 15V
C1 = C2 = 10µF
BOOST = OPEN
ROUT = 56Ω
LOAD CURRENT (mA)
0
60
80
100
40
LTC1144 • TPC09
40
20
0
60
80
100
40
20
0
10
20
30
50
PEFF
IS
TA = 25°C
V+ = 15V
C1 = C2 = 10µF
BOOST = OPEN
(SEE TEST CIRCUIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com