Electronic Components Datasheet Search
  English  ▼

X  

LTC1144 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1144
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144 Datasheet(HTML) 5 Page - Linear Technology

  LTC1144 Datasheet HTML 1Page - Linear Technology LTC1144 Datasheet HTML 2Page - Linear Technology LTC1144 Datasheet HTML 3Page - Linear Technology LTC1144 Datasheet HTML 4Page - Linear Technology LTC1144 Datasheet HTML 5Page - Linear Technology LTC1144 Datasheet HTML 6Page - Linear Technology LTC1144 Datasheet HTML 7Page - Linear Technology LTC1144 Datasheet HTML 8Page - Linear Technology LTC1144 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC1144
5
1144fa
For more information www.linear.com/LTC1144
Typical perForMance characTerisTics
Ripple Voltage vs Load Current
Output Voltage vs Load Current
Output Voltage vs Load Current
Power Conversion Efficiency and
Supply Current vs Load Current
Power Conversion Efficiency
vs Oscillator Frequency
Output Resistance
vs Oscillator Frequency
Boost (Pin 1): This pin will raise the oscillator frequency
by a factor of 10 if tied high.
CAP+ (Pin 2): Positive Terminal for Pump Capacitor.
GND (Pin 3): Ground Reference.
CAP– (Pin 4): Negative Terminal for Pump Capacitor.
VOUT (Pin 5): Output of the Converter.
SHDN (Pin 6): Shutdown Pin. Tie to V+ pin or leave float-
ing for normal operation. Tie to ground when in shutdown
mode.
OSC(Pin7):OscillatorInputPin.Thispincanbeoverdriven
with an external clock or can be slowed down by connect-
ing an external capacitor between this pin and ground.
V+ (Pin 8): Input Voltage.
LOAD CURRENT (mA)
0
60
80
100
16
LTC1144 • TPC10
40
20
0
30
40
50
20
10
0
4
8
12
20
PEFF
IS
TA = 25°C
V+ = 5V
C1 = C2 = 10µF
BOOST = OPEN
(SEE TEST CIRCUIT)
LOAD CURRENT (mA)
0.01
0
500
1000
1µF
1µF
1500
0.1
1
LTC1144 • TPC13
10
100
0.1µF
10µF
10µF
V+ = 5V
TA = 25°C
C1 = C2
BOOST = 5V
BOOST =
OPEN
0.1µF
OSCILLATOR FREQUENCY (kHz)
0.1
70
90
95
100
1
10
100
LTC1144 • TPC11
85
80
75
TA = 25°C, V+ = 15V
BOOST = OPEN
IL = 20mA
IL = 3mA
1µF
1µF
10µF
10µF
100µF
100µF
LOAD CURRENT (mA)
–4
–3
–2
–1
0
0.001
0.1
1
100
LTC1144 • G14
–5
0.01
10
0.1µF
0.1µF 10µF
10µF
1µF
1µF
V+ = 5V
TA = 25°C
C1 = C2
BOOST = 5V
BOOST = OPEN
OSCILLATOR FREQUENCY (kHz)
0.1
0
2000
3000
1
10
100
LTC1144 • TPC12
1000
1µF
10µF
100µF
TA = 25°C
V+ = 15V
LOAD CURRENT (mA)
–10
–5
0
0.001
0.1
1
100
LTC1144 • TPC15
–15
0.01
10
V+ = 15V
TA = 25°C
C1 = C2
BOOST = 15V
0.1µF
0.1µF
1µF
1µF
10µF
10µF
BOOST = OPEN
pin FuncTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com