Electronic Components Datasheet Search
  English  ▼

X  

LTC1324 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1324
Description  Single Supply LocalTalk Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1324 Datasheet(HTML) 1 Page - Linear Technology

  LTC1324 Datasheet HTML 1Page - Linear Technology LTC1324 Datasheet HTML 2Page - Linear Technology LTC1324 Datasheet HTML 3Page - Linear Technology LTC1324 Datasheet HTML 4Page - Linear Technology LTC1324 Datasheet HTML 5Page - Linear Technology LTC1324 Datasheet HTML 6Page - Linear Technology LTC1324 Datasheet HTML 7Page - Linear Technology LTC1324 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1324
1
1324fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Single Supply LocalTalk®
Transceiver
The LTC®1324 is a single 5V line transceiver designed to
operate on Apple®LocalTalk networks. The driver features
a digitally selectable low slew rate mode for reduced EMI
emissions. The chip draws only 1mA quiescent current
when active and 1μA in shutdown. The differential driver
outputs three-state when disabled, during shutdown or
when the power is off. The driver outputs will maintain
high impedance even with output common mode voltages
beyond the power supply rails. Both the driver outputs and
receiver inputs are protected against ESD damage to ± 10kV.
The LTC1324 is available in a 16-pin SO Wide package.
Typical LocalTalk Connection for Low EMI
Waveform of Driver
APPLICATIONS
n Single Chip 5V LocalTalk Port
n Low Power: ICC = 1mA Typ
n Shutdown Pin Reduces ICC to 1µA Typ
n Digitally Selectable Low Slew Rate Mode for
Reduced EMI Emmisions
n Drivers Maintain High Impedance in Three-State or
with Power Off
n Thermal Shutdown Protection
n Drivers Are Short-Circuit Protected
n LocalTalk Peripherals
n Notebook and Palmtop Computers
n Battery-Powered Systems
L, LTC, and LT are registered trademarks of Linear Technology Corporation.
Apple and LocalTalk are registered trademarks of Apple Computer, Inc.
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement
2
3
4
5
6
7
8
12
16
5V
LocalTalk
TRANSFORMER
11
10
9
LTC1324
SLEW RATE CONTROL
DATA IN
TX⎯ENABLE
SHUTDOWN
RX⎯ENABLE
DATA OUT
1324 TA01
120
Ω
TIME (0.5μs/DIV)
1324 TA02
DIN
5V/DIV
DOUT
1V/DIV


Similar Part No. - LTC1324

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1324 LINER-LTC1324 Datasheet
241Kb / 8P
Single Supply LocalTalk Transceiver
LTC1324CN LINER-LTC1324CN Datasheet
241Kb / 8P
Single Supply LocalTalk Transceiver
LTC1324CSW LINER-LTC1324CSW Datasheet
241Kb / 8P
Single Supply LocalTalk Transceiver
More results

Similar Description - LTC1324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8925 NSC-DS8925 Datasheet
311Kb / 16P
LocalTalk??Dual Driver/Triple Receiver
DS8935 NSC-DS8935 Datasheet
172Kb / 12P
LocalTalk??Dual Driver/Triple Receiver
logo
Linear Technology
LTC1324 LINER-LTC1324 Datasheet
241Kb / 8P
Single Supply LocalTalk Transceiver
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
Single Supply V.35 Transceiver
logo
Texas Instruments
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Linear Technology
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
Single Supply V.35 Transceiver
logo
Microchip Technology
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
logo
Texas Instruments
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Microchip Technology
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com