Electronic Components Datasheet Search
  English  ▼

X  

LTC1324 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1324
Description  Single Supply LocalTalk Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1324 Datasheet(HTML) 6 Page - Linear Technology

  LTC1324 Datasheet HTML 1Page - Linear Technology LTC1324 Datasheet HTML 2Page - Linear Technology LTC1324 Datasheet HTML 3Page - Linear Technology LTC1324 Datasheet HTML 4Page - Linear Technology LTC1324 Datasheet HTML 5Page - Linear Technology LTC1324 Datasheet HTML 6Page - Linear Technology LTC1324 Datasheet HTML 7Page - Linear Technology LTC1324 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1324
6
1324fa
TEST CIRCUIT
RL
RL
VOD
TXD+
TXD–
1324 F01
VOC
RL
CL
1324 F02
TXD+
TXD–
RXD+
RXD–
CL
RXDO
15pF
TXI
OUTPUT
CL
500Ω
S2
1324 F03
VCC
S1
Figure 1
Figure 2
Figure 3
SWITCHING WAVEFORMS
Figure 4. Differential Driver
Figure 5. Differential Driver Enable and Disable
Figure 6. Differential Receiver
1.5V
3V
0V
TXD
TXD–
TXD+
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
–VO
VO
tSKEW
1/2 VO
1324 F04
tPLH
tr
90%
50%
10%
tPHL
tf
90%
50%
10%
VO
tSKEW
VDIFF = V(TXD
+) – V(TXD–)
1.5V
3V
0V
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
TXD+, TXD–
VOL
5V
tZL
tLZ
0.5V
OUTPUT NORMALLY LOW
0V
1324 F05
2.3V
2.3V
tZH
VOH
OUTPUT NORMALLY HIGH
tHZ
0.5V
TXD–, TXD+
TXDEN
0V
VOD2
(RXD+) – (RXD–)
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
RXDO
VOL
VOH
1324 F06
tPLH
tPHL
–VOD2
0V
1.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com