Electronic Components Datasheet Search
  English  ▼

X  

LTC1324 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1324
Description  Single Supply LocalTalk Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1324 Datasheet(HTML) 4 Page - Linear Technology

  LTC1324 Datasheet HTML 1Page - Linear Technology LTC1324 Datasheet HTML 2Page - Linear Technology LTC1324 Datasheet HTML 3Page - Linear Technology LTC1324 Datasheet HTML 4Page - Linear Technology LTC1324 Datasheet HTML 5Page - Linear Technology LTC1324 Datasheet HTML 6Page - Linear Technology LTC1324 Datasheet HTML 7Page - Linear Technology LTC1324 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1324
4
1324fa
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Short-Circuit Current
vs Temperature
Supply Current (Driver and
Receiver Enabled) vs Temperature
Driver Skew vs Temperature
Receiver Output Low Voltage
vs Temperature
Receiver Output High Voltage
vs Temperature
Receiver Output Low Voltage
vs Output Current
Receiver Output High Voltage
vs Output Current
Driver Short-Circuit Current
vs Temperature
OUTPUT VOLTAGE (V)
0
30
25
20
15
10
5
0
0.4
0.8
1.2
1.6
1324 G04
2.0
TA = 25C
OUTPUT VOLTAGE (V)
2.0
2.5
3.0
4.0
3.5
4.5
5.0
1324 G05
–16
–14
–12
–10
–8
–6
–4
–2
0
TA = 25C
TEMPERATURE (C)
–55
65
110
100
90
80
70
60
50
40
1324 G06
–35
125
–15
525
45
85 105
TEMPERATURE (C)
–55
65
19
18
17
16
15
14
13
12
11
10
1324 G07
–35
125
–15
525
45
85 105
TEMPERATURE (C)
–55
65
900
875
850
825
800
775
750
725
700
1324 G08
–35
125
–15
525
45
85 105
TEMPERATURE (C)
–55
65
4.2
4.0
3.8
3.6
3.4
3.2
3.0
1324 G09
–35
125
–15
525
45
85 105
TEMPERATURE (C)
–55
65
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1324 G10
–35
125
–15
525
45
85 105
I = 8mA
TEMPERATURE (C)
–55
65
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
2.00
1324 G11
–35
125
–15
525
45
85 105
I = 8mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com