Electronic Components Datasheet Search
  English  ▼

X  

LTC1324 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1324
Description  Single Supply LocalTalk Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1324 Datasheet(HTML) 3 Page - Linear Technology

  LTC1324 Datasheet HTML 1Page - Linear Technology LTC1324 Datasheet HTML 2Page - Linear Technology LTC1324 Datasheet HTML 3Page - Linear Technology LTC1324 Datasheet HTML 4Page - Linear Technology LTC1324 Datasheet HTML 5Page - Linear Technology LTC1324 Datasheet HTML 6Page - Linear Technology LTC1324 Datasheet HTML 7Page - Linear Technology LTC1324 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC1324
3
1324fa
The
l denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Characteristics
tPLH, tPHL Driver Propagation Delay
Without Slew Rate Control
RL = 100Ω, CL = 100pF (Figures 2, 4)
SR = GND
l
40
120
ns
Driver Propagation Delay
with Slew Rate Control
RL = 100Ω, CL = 100pF (Figures 2, 4)
SR = VCC
l
0.4
1.2
μs
Receiver Propagation Delay
CL = 15pF (Figures 2, 6)
l
40
120
ns
tSKEW
Driver Output to Output
Without Slew Rate Control
RL = 100Ω, CL = 100pF (Figures 2, 4)
SR = GND
l
10
35
ns
Driver Output to Output
with Slew Rate Control
RL = 100Ω, CL = 100pF (Figures 2, 4)
SR = VCC
l
25
100
ns
tr, tf
Driver Rise/Fall Time
Without Slew Rate Control
RL = 100Ω, CL = 100pF (Figures 2,4)
SR = GND
l
20
50
ns
Driver Rise/Fall Time
with Slew Rate Control
RL = 100Ω, CL = 100pF (Figures 2, 4)
SR = VCC
l
0.4
1.2
μs
tHdis, tLdis Driver Output Active to Disable
Without Slew Rate Control
CL = 15pF (Figures 3, 5)
SR = GND
l
50
150
ns
Driver Output Active to Disable
with Slew Rate Control
CL = 15pF (Figures 3, 5)
SR = VCC
l
0.7
2
μs
Receiver Output Active to Disable
CL = 15pF (Figures 3, 7)
l
30
100
ns
tENH, tENL Driver Enable to Output Active
Without Slew Rate Control
CL = 15pF (Figures 3, 5)
SR = GND
l
50
150
ns
Driver Enable to Output Active
with Slew Rate Control
CL = 15pF (Figures 3, 5)
SR = VCC
l
250
750
ns
Receiver Enable to Output Active
CL = 15pF (Figures 3, 7)
l
30
100
ns
ELECTRICAL CHARACTERISTICS V
CC = 5V, TA = 0°C to 70°C (Notes 2, 3), unless otherwise noted.
Note 2: All currents into device pins are positive and all currents out
of device pins are negative. All voltages are reference to ground unless
otherwise specified.
Note 3: All typicals are given at VCC = 5V, TA = 25°C.
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Differential Output Voltage
vs Output Current
Driver Output Low Voltage
vs Output Current
Driver Output High Voltage
vs Output Current
DRIVER DIFFERENTIAL OUTPUT VOLTAGE (V)
0
0.5
1.5
2.5
3.5
4.0
1324 G01
1.0
2.0
3.0
80
70
60
50
40
30
20
10
0
TA = 25C
OUTPUT VOLTAGE (V)
0
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
1324 G02
2.5
3.0
TA = 25C
DRIVER OUTPUT HIGH VOLTAGE (V)
1.0
4.0
1324 G03
2.0
3.0
5.0
–105
–90
–75
–60
–45
–30
–15
0
1.5
2.5
3.5
4.5
TA = 25C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com