Electronic Components Datasheet Search
  English  ▼

X  

LT1612 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1612
Description  Synchronous, Step-Down 800kHz PWM DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1612 Datasheet(HTML) 1 Page - Linear Technology

  LT1612 Datasheet HTML 1Page - Linear Technology LT1612 Datasheet HTML 2Page - Linear Technology LT1612 Datasheet HTML 3Page - Linear Technology LT1612 Datasheet HTML 4Page - Linear Technology LT1612 Datasheet HTML 5Page - Linear Technology LT1612 Datasheet HTML 6Page - Linear Technology LT1612 Datasheet HTML 7Page - Linear Technology LT1612 Datasheet HTML 8Page - Linear Technology LT1612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1612
sn1612 1612fs
s
Operates from Input Voltage As Low As 2V
s
Internal 0.7A Synchronous Switches
s
Uses Ceramic Input and Output Capacitors
s
620mV Reference Voltage
s
800kHz Fixed Frequency Switching
s
Programmable Burst Mode Operation
s
Low Quiescent Current: 160
µA
s
8-Lead MSOP or SO Package
The LT
®1612 is an 800kHz, synchronous step-down DC/
DC converter that operates from an input voltage as low
as 2V. Internal 0.45
Ω switches deliver output currents up
to 500mA, and the 800kHz switching frequency allows the
use of small, low value ceramic input and output capaci-
tors. Input voltage ranges from 5.5V down to 2V and
output voltage can be set as low as the 620mV reference.
The device features Burst Mode
TM operation, keeping
efficiency high at light loads. Burst Mode operation can be
defeated by pulling the MODE pin high, enabling constant
switching throughout the load range for low noise.
No-load quiescent current is 160
µAandshutdowncurrent
is less than 1
µA. The device is available in 8-lead SO and
MSOP packages.
s
Portable Devices
s
Lithium-Ion Step-Down Converters
s
5V to 3.3V Conversion
s
2-Cell Alkaline Step-Down Converters
Figure 1. 2V to 1.2V Converter
Synchronous, Step-Down
800kHz PWM
DC/DC Converter
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
VIN
2V
0.1
µF
33.2k
R2
232k
1%
R1
215k
1%
L1
10
µH
330pF
C1
10
µF
C2
68
µF
3.15V
C1: TAIYO-YUDEN JMK325BJ106MN
C2: PANASONIC EEFCDOF680R
L1: SUMIDA CD43-100
1612 F01a
VOUT
1.2V
500mA
100pF
VIN
SW
FB
BOOST
MODE
SHDN
VC
GND
LT1612
LOAD CURRENT (mA)
90
80
70
60
50
40
30
100
10
500
1612 • F01b
VIN = 2V (LINEAR)
VIN = 3V (LINEAR)
VIN = 2V
VIN = 3V
Efficiency for LT1612 vs Linear Regulator
VOUT = 1.2V
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATION


Similar Part No. - LT1612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
252Kb / 12P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612EMS8 LINER-LT1612EMS8 Datasheet
176Kb / 8P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612EMS8 LINER-LT1612EMS8 Datasheet
252Kb / 12P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612ES8 LINER-LT1612ES8 Datasheet
176Kb / 8P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
More results

Similar Description - LT1612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
Analog Intergrations Co...
AIC1550 AIC-AIC1550 Datasheet
956Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
Analog Intergrations Co...
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1555 AIC-AIC1555 Datasheet
717Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6550 SSC-SS6550 Datasheet
403Kb / 13P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
high efficiency synchronous PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com