Electronic Components Datasheet Search
  English  ▼

X  

LT1612 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1612
Description  Synchronous, Step-Down 800kHz PWM DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1612 Datasheet(HTML) 3 Page - Linear Technology

  LT1612 Datasheet HTML 1Page - Linear Technology LT1612 Datasheet HTML 2Page - Linear Technology LT1612 Datasheet HTML 3Page - Linear Technology LT1612 Datasheet HTML 4Page - Linear Technology LT1612 Datasheet HTML 5Page - Linear Technology LT1612 Datasheet HTML 6Page - Linear Technology LT1612 Datasheet HTML 7Page - Linear Technology LT1612 Datasheet HTML 8Page - Linear Technology LT1612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1612
sn1612 1612fs
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Pin Current
SHDN = 2V
q
10
15
µA
SHDN = 5V
q
30
45
µA
BOOST Pin Current
BOOST = VIN + 2V
4
mA
Switch Current Limit (Note 4)
Duty Cycle = 0%
MODE = OV
600
710
900
mA
MODE = 5V
550
650
900
mA
Burst Mode Operation Current Limit
MODE = 0V
180
mA
Switch Voltage Drop
ISW = 500mA
200
280
mV
Rectifier Voltage Drop
IRECT = 500mA
300
400
mV
SW Pin Leakage
VSW = 5V, VSHDN = 0V
q
1
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1612E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C, VIN = VSHDN = 3V
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Bias current flows out of the FB pin.
Note 4: Duty cycle affects current limit due to slope compensation.
TYPICAL PERFOR A CE CHARACTERISTICS
FB Voltage vs Temperature
Quiescent Current vs Temperature
FB Pin Bias Current
TEMPERATURE (
°C)
– 50
–25
25
75
50
190
180
170
160
150
140
130
120
110
100
1612 • G02
0
100
MODE = 0V
TEMPERATURE (
°C)
–50
–25
0
50
75
1612 • G03
100
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
25
TEMPERATURE (
°C)
–50
0.64
0.63
0.62
0.61
0.60
0.59
–25
025
50
1612 • G01
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com