Electronic Components Datasheet Search
  English  ▼

X  

LT1612 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1612
Description  Synchronous, Step-Down 800kHz PWM DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1612 Datasheet(HTML) 4 Page - Linear Technology

  LT1612 Datasheet HTML 1Page - Linear Technology LT1612 Datasheet HTML 2Page - Linear Technology LT1612 Datasheet HTML 3Page - Linear Technology LT1612 Datasheet HTML 4Page - Linear Technology LT1612 Datasheet HTML 5Page - Linear Technology LT1612 Datasheet HTML 6Page - Linear Technology LT1612 Datasheet HTML 7Page - Linear Technology LT1612 Datasheet HTML 8Page - Linear Technology LT1612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1612
sn1612 1612fs
TYPICAL PERFOR A CE CHARACTERISTICS
SHDN Pin Bias Current
Switch Current Limit vs
Temperature
Oscillator Frequency vs
Temperature
Maximum Duty Cycle vs
Temperature
Switch Voltage Drop
Rectifier Voltage Drop
SHDN PIN VOLTAGE (V)
0
3
5
1612 • G04
12
4
80
70
60
50
40
30
20
10
0
TEMPERATURE (
°C)
–50
800
700
600
500
400
300
200
–25
025
50
1612 • G05
75
100
MODE = 0V
MODE = 5V
TEMPERATURE (
°C)
–50
1000
900
800
700
600
500
400
–25
025
50
1612 • G06
75
100
TEMPERATURE (
°C)
–50
94
90
86
82
78
74
70
–25
025
50
1612 • G07
75
100
SWITCH CURRENT (mA)
0
600
500
400
300
200
100
0
100
200
300
400
1612 • G08
500
600
RECTIFIER CURRENT (mA)
0
600
500
400
300
200
100
0
100
200
300
400
1612 • G09
500
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com