Electronic Components Datasheet Search
  English  ▼

X  

LT1612 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1612
Description  Synchronous, Step-Down 800kHz PWM DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1612 Datasheet(HTML) 2 Page - Linear Technology

  LT1612 Datasheet HTML 1Page - Linear Technology LT1612 Datasheet HTML 2Page - Linear Technology LT1612 Datasheet HTML 3Page - Linear Technology LT1612 Datasheet HTML 4Page - Linear Technology LT1612 Datasheet HTML 5Page - Linear Technology LT1612 Datasheet HTML 6Page - Linear Technology LT1612 Datasheet HTML 7Page - Linear Technology LT1612 Datasheet HTML 8Page - Linear Technology LT1612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1612
sn1612 1612fs
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
MODE = 5V
q
12
mA
MODE = 0V, Not Switching
q
160
220
µA
SHDN = 0V
q
1
µA
VFB
FB Voltage
0.605
0.62
0.635
V
q
0.60
0.62
0.635
V
FB Line Regulation
q
0.02
0.15
%/V
FB Pin Bias Current (Note 3)
q
750
nA
gm
Error Amplifier Transconductance
250
µmhos
Min Input Voltage
2V
Max Input Voltage
5.5
V
fOSC
Oscillator Frequency
700
800
900
kHz
q
550
1100
kHz
fOSC Line Regulation
1%/ V
Maximum Duty Cycle
85
90
%
q
80
%
Shutdown Threshold
Minimum Voltage for Active
q
2V
Maximum Voltage for Shutdown
q
0.2
V
LT1612EMS8
TJMAX = 125°C, θJA = 200°C/ W
ORDER PART
NUMBER
Supply Voltage (VIN) ............................................... 5.5V
SW Pin Voltage ....................................................... 5.5V
FB Pin Voltage ............................................... VIN + 0.3V
VC Pin Voltage ........................................................... 2V
SHDN Pin Voltage ................................................... 5.5V
MODE Pin Voltage .................................................. 5.5V
(Note 1)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
Consult factory for parts specified with wider operating temperature ranges.
BOOST Pin Voltage ....................................... VIN + 5.5V
Junction Temperature ........................................... 125
°C
Operating Temperature Range (Note 2) ... –40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LT1612ES8
ORDER PART
NUMBER
MS8 PART MARKING
TJMAX = 125°C, θJA = 120°C/ W
S8 PART MARKING
1612
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C, VIN = VSHDN = 3V
VC
FB
VIN
GND
1
2
3
4
8
7
6
5
SHDN
MODE
BOOST
SW
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TOP VIEW
SHDN
MODE
BOOST
SW
VC
FB
VIN
GND
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
LTMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com