Electronic Components Datasheet Search
  English  ▼

X  

LT1635 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1635
Description  Micropower Rail-to-Rail Op Amp and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1635 Datasheet(HTML) 1 Page - Linear Technology

  LT1635 Datasheet HTML 1Page - Linear Technology LT1635 Datasheet HTML 2Page - Linear Technology LT1635 Datasheet HTML 3Page - Linear Technology LT1635 Datasheet HTML 4Page - Linear Technology LT1635 Datasheet HTML 5Page - Linear Technology LT1635 Datasheet HTML 6Page - Linear Technology LT1635 Datasheet HTML 7Page - Linear Technology LT1635 Datasheet HTML 8Page - Linear Technology LT1635 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1635
Micropower Rail-to-Rail
Op Amp and Reference
s
Guaranteed Operation at 1.2V
s
Op Amp and Reference on Single Chip
s
Micropower: 130
µA Supply Current
s
Industrial Temperature Range SO-8 Packages
s
Rail-to-Rail Output
s
High Output Current: 20mA Min
s
Output Drives 1000pF
s
Capable of Floating Mode Operation
s
Specified for 5V and
±5V Supplies
s
Low Reference Drift: 30ppm/
°C
s
Industry Standard LM10 Pinout
The LT
®1635 is a new analog building block that includes a
rail-to-rail output op amp, a precision reference and reference
buffer. The device operates from supplies as low as a single
1.2V or up to
±5V, yet it consumes only 130µA of supply
current.
The input common mode range of the op amp includes
ground and incorporates phase reversal protection to pre-
vent false outputs from occurring when the input is below
the negative supply. The rail-to-rail output stage can swing to
within 15mV of each rail with no load and can swing to within
250mV of each rail while delivering 10mA of output current.
The gain bandwidth of the op amp is 175kHz and it is unity-
gain stable with up to 1000pF load capacitance.
The 0.2V reference is referred to V – and includes a buffer
amplifier to enhance flexibility. The reference and buffer
combine to achieve a drift of 30ppm/
°C, a line regulation of
20ppm/V and a load regulation of 150ppm/mA.
The LT1635 is available in 8-pin PDIP and SO packages, and
has the industry standard LM10 pinout.
LT1635
R1
100k
VOUT
ADJ
VOUT
0V TO 5V
R2
3.9k
R3
5k
C1
0.01
µF
6
7
2
3
1
8
1635 TA01
4
VIN > 5.2V
INPUT OFFSET VOLTAGE (mV)
– 1.0
15
20
25
0.6
1635 TA02
10
5
0
– 0.6
– 0.2
0.2
1.0
VS = 5V, 0V
TA = 25°C
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Battery- or Solar-Powered Systems
Portable Instrumentation
Sensor Conditioning
s
Precision Current Regulators
s
Precision Voltage Regulators
s
Battery Level Indicator
s
Thermocouple Transmitter
0V to 5V Regulator
Typical Distribution of Input Offset Voltage
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1635

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
Micropower Rail-to-Rail Op Amp and Reference
LT1635CN8 LINER-LT1635CN8 Datasheet
306Kb / 12P
Micropower Rail-to-Rail Op Amp and Reference
LT1635CS8 LINER-LT1635CS8 Datasheet
306Kb / 12P
Micropower Rail-to-Rail Op Amp and Reference
LT1635IN8 LINER-LT1635IN8 Datasheet
306Kb / 12P
Micropower Rail-to-Rail Op Amp and Reference
LT1635IS8 LINER-LT1635IS8 Datasheet
306Kb / 12P
Micropower Rail-to-Rail Op Amp and Reference
More results

Similar Description - LT1635

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
Micropower Rail-to-Rail Op Amp and Reference
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
Rail to Rail Single OP AMP
logo
Linear Technology
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
Linear Technology
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
RAIL-TO-RAIL SINGLE OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
Rail to Rail Single OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com