Electronic Components Datasheet Search
  English  ▼

X  

LT1635 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1635
Description  Micropower Rail-to-Rail Op Amp and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1635 Datasheet(HTML) 5 Page - Linear Technology

  LT1635 Datasheet HTML 1Page - Linear Technology LT1635 Datasheet HTML 2Page - Linear Technology LT1635 Datasheet HTML 3Page - Linear Technology LT1635 Datasheet HTML 4Page - Linear Technology LT1635 Datasheet HTML 5Page - Linear Technology LT1635 Datasheet HTML 6Page - Linear Technology LT1635 Datasheet HTML 7Page - Linear Technology LT1635 Datasheet HTML 8Page - Linear Technology LT1635 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1635
SUPPLY VOLTAGE (V)
2
140
180
10
1635 G01
100
60
4
6
8
3
5
7
9
220
120
160
80
200
TA = –55°C
TA = 25°C
TA = 125°C
COMMON MODE VOLTAGE (V)
–1
–2
–1
0
3
1635 G03
–3
–4
–5
0
1
2
4
TA = 125°C
VS = 5V, 0V
TA = 25°C
TA = –55°C
Input Bias Current
vs Common Mode Voltage
TEMPERATURE (
°C)
–50
–3
–1
100
IOS
IB
0
50
75
1635 G02
–2
50
0
–25
25
100
125
VS = 5V, 0V
Input Bias and Offset Currents
vs Temperature
0.1Hz to 10Hz Noise Voltage
Noise Voltage Density
vs Frequency
TIME (SEC)
0
89
1635 G04
2
4
6
7
1
3
5
10
VS = ±5V
TA = 25°C
FREQUENCY (Hz)
1
30
60
70
80
10
100
1000
1635 G05
50
40
VS = ±2.5V
TA = 25°C
Input Noise Current vs Frequency
FREQUENCY (Hz)
1
0
0.3
0.4
0.5
10
100
1000
1635 G06
0.2
0.1
VS = ±2.5V
TA = 25°C
Typical Distribution of Offset
Voltage Drift with Temperature
TCVOS (µV/°C)
–6
0
5
10
15
20
25
–4
–2
0
2
1635 G07
46
VS = 5V, 0V
Minimum Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
–1000
– 800
– 600
– 400
– 200
12
1635 G08
0
200
TA = 125°C
TA = 25°C
TA = –55°C
Turn-On Drift
of Three Typical Units
TIME AFTER POWER ON (MINUTES)
0
0
20
60
80
100
140
1
5
7
1635 G09
40
120
4
9
10
2
3
68
VS = ±5V
TA = 25°C
Op Amp
Supply Current vs Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com