Electronic Components Datasheet Search
  English  ▼

X  

LT1635 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1635
Description  Micropower Rail-to-Rail Op Amp and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1635 Datasheet(HTML) 2 Page - Linear Technology

  LT1635 Datasheet HTML 1Page - Linear Technology LT1635 Datasheet HTML 2Page - Linear Technology LT1635 Datasheet HTML 3Page - Linear Technology LT1635 Datasheet HTML 4Page - Linear Technology LT1635 Datasheet HTML 5Page - Linear Technology LT1635 Datasheet HTML 6Page - Linear Technology LT1635 Datasheet HTML 7Page - Linear Technology LT1635 Datasheet HTML 8Page - Linear Technology LT1635 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1635
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0.3
1.3
mV
0
°C ≤ TA ≤ 70°C
q
0.5
1.6
mV
–40
°C ≤ TA ≤ 85°C
q
1.8
mV
Input Offset Voltage Drift
– 40
°C ≤ TA ≤ 85°C (Note 4)
q
3.0
7.0
µV/°C
VOS ADJ
Offset Voltage Adjust Range
Positive Adjust
q
6
8
mV
Negative Adjust
q
– 1.4
– 2
mV
IOS
Input Offset Current
q
0.2
0.6
nA
IB
Input Bias Current
2.0
4.5
nA
q
2.5
5.5
nA
Input Noise Voltage
0.1Hz to 10Hz
1
µVP-P
en
Input Noise Voltage Density
f = 1kHz
50
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.05
pA/
√Hz
RIN
Input Resistance
Differential
q
725
M
Ω
Common Mode, VCM = 0V to 4V
6
G
Ω
Input Voltage Range
q
04
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 4V
92
110
dB
q
85
97
dB
AVOL
Large-Signal Voltage Gain
VO = 200mV to 4.5V, No Load
q
100
450
V/mV
VO = 200mV to 4.5V, RL = 1.1k
q
45
200
V/mV
VO = 200mV to 4.5V, RL = 500Ω
q
35
150
V/mV
Shunt Gain
IOUT = 0.1mA to 5mA
V/mV
VO = 1.5V to 6.45V
15
25
V/mV
(Note 5)
q
820
V/mV
VOL
Output Voltage Swing Low
VS = 5V, No Load
q
210
mV
VS = 5V, ISINK = 5mA
q
125
250
mV
VS = 5V, ISINK = 10mA
q
200
500
mV
VOH
Output Voltage Swing High
VS = 5V, No Load
q
4.975
4.985
V
VS = 5V, ISOURCE = 5mA
q
4.65
4.8
V
VS = 5V, ISOURCE = 10mA
q
4.55
4.75
V
(Note 1)
Total Supply Voltage (V + to V –) .............................. 14V
Input Differential Voltage ......................................... 14V
Input Current ......................................................
±25mA
Output Short-Circuit Duration ....................... Continuous
Operating Temperature Range
(Note 2) .............................................. – 40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S8 PART
MARKING
LT1635CN8
LT1635CS8
LT1635IN8
LT1635IS8
1635
1635I
5V OP AMP: The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at
TA = 25°C. VS = 5V, 0V; VCM = VOUT = 2.5V, unless otherwise noted. (Note 2)
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TOP VIEW
REFOUT
OP AMP IN (–)
OP AMP IN (+)
V–
REF FB
V+
OP AMP OUT
BALANCE
+
–
+
–
+
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com