Electronic Components Datasheet Search
  English  ▼

X  

LT1635 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1635
Description  Micropower Rail-to-Rail Op Amp and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1635 Datasheet(HTML) 4 Page - Linear Technology

  LT1635 Datasheet HTML 1Page - Linear Technology LT1635 Datasheet HTML 2Page - Linear Technology LT1635 Datasheet HTML 3Page - Linear Technology LT1635 Datasheet HTML 4Page - Linear Technology LT1635 Datasheet HTML 5Page - Linear Technology LT1635 Datasheet HTML 6Page - Linear Technology LT1635 Datasheet HTML 7Page - Linear Technology LT1635 Datasheet HTML 8Page - Linear Technology LT1635 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1635
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Feedback Sense Voltage
Voltage at Pin 1 with Pin 1 Connected
q
189
200
211
mV
to Pin 8 (Note 6)
TC VREF
Reference Drift
(Note 4)
q
40
120
ppm/
°C
Feedback Current
Current into Pin 8
3.5
10
nA
q
5.0
15
nA
Line Regulation
0
≤ IREF ≤ 1mA, VREF = 200mV
VS = ±0.6V to ±5V
20
100
ppm /V
VS = ±0.65V to ±5V (Note 3)
q
30
200
ppm/V
Load Regulation
IREF = 0 to 1mA
150
300
ppm/mA
q
200
500
ppm/mA
Reference Amplifier Gain
VO = 0.2V to 8.5V
45
90
V/mV
VS = 10V, 0V
q
25
50
V/mV
±5V OP AMP: The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are
at TA = 25°C. VS = ±5V; VCM = VOUT = 0V, unless otherwise noted. (Note 2)
±5V REFERENCE: The q denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. VS = ±5V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VO = – 4.5V to 4.5V, No Load
q
175
300
V/mV
VO = – 4.5V to 4.5V, RL = 1.1k
q
15
100
V/mV
VO = – 4.5V to 4.5V, RL = 500Ω
q
10
60
V/mV
VO
Output Voltage Swing
VS = ±5V, No Load
q
±4.975 ±4.985
mV
VS = ±5V, ISINK = 5mA
q
±4.65
±4.75
mV
VS = ±5V, ISINK = 10mA
q
±4.5
±4.6
mV
ISC
Short-Circuit Current
VS = ±5V
±20
±40
mA
PSRR
Power Supply Rejection Ratio
VS = ±1V to ±6V, VCM = VO = 0V
90
100
dB
q
88
98
dB
IS
Supply Current
135
215
µA
q
160
280
µA
GBW
Gain Bandwidth Product
f = 1kHz
175
kHz
SR
Slew Rate
AV = –1, RL = ∞
0.05
V/
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be imparied.
Note 2: The LT1635C is guaranteed to operate over the commercial
temperature range of 0
°C to 70°C. It is designed, characterized and
expected to meet these extended temperature limits, but is not tested at
–40
°C and 85°C. The LT1635I is guaranteed to meet the industrial
temperature range.
Note 3: The LT1635 op amp operates on a 1.2V supply over the full
industrial temperature range with an input common mode voltage of 0V to
0.2V. The minimum supply voltage for the reference to operate properly
over this temperature range is 1.3V.
Note 4: This parameter is not 100% tested. Temperature coefficient is
measured by dividing the change in output voltage by specified
temperature range.
Note 5: Shunt gain defines the operation in floating applications when the
output is connected to the V + terminal and input common mode is
referred to V –.
Note 6: If part is stored outside of the specified temperature range, the
output may shift due to hysteresis.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com