Electronic Components Datasheet Search
  English  ▼

X  

LT1797 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1797 Datasheet HTML 6Page - Linear Technology LT1797 Datasheet HTML 7Page - Linear Technology LT1797 Datasheet HTML 8Page - Linear Technology LT1797 Datasheet HTML 9Page - Linear Technology LT1797 Datasheet HTML 10Page - Linear Technology LT1797 Datasheet HTML 11Page - Linear Technology LT1797 Datasheet HTML 12Page - Linear Technology LT1797 Datasheet HTML 13Page - Linear Technology LT1797 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LT1797
10
1797fb
TYPICAL APPLICATIONS
Single Supply Hi-Gain 80kHz Photodiode Amplifier
–
+
LT1797
3V
3V
R2
1k
R4
1k
R5
100k
R6
330Ω
R3
10k
R1
100k
C1
0.1μF
C2
0.1μF
C3
1000pF
CP*
1797 TA02
*CP = SUM OF PHOTODIODE CAPACITANCE, PARASITIC LAYOUT
CAPACITANCE AND LT1797 INPUT CAPACITANCE 10pF.
TRANSIMPEDANCE GAIN: AZ = 10MΩ.
R6, C3 LIMIT THE NOISE BANDWIDTH TO 500kHz.
OUTPUT NOISE 1.8mVRMS.
R1, CP AND LT1797 GBW SET UPPER LIMIT ON BANDWIDTH.
R4, C2 SET LOWER 1.6kHz LIMIT ON GAIN OF 101.
PHOTODIODE
SFH213FA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com