Electronic Components Datasheet Search
  English  ▼

X  

LT1797 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1797 Datasheet HTML 6Page - Linear Technology LT1797 Datasheet HTML 7Page - Linear Technology LT1797 Datasheet HTML 8Page - Linear Technology LT1797 Datasheet HTML 9Page - Linear Technology LT1797 Datasheet HTML 10Page - Linear Technology LT1797 Datasheet HTML 11Page - Linear Technology LT1797 Datasheet HTML 12Page - Linear Technology LT1797 Datasheet HTML 13Page - Linear Technology LT1797 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LT1797
14
1797fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2000
LT 0610 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
1MHz Photodiode Transimpedance Amplifier
Response of Photodiode Amplifier
Rise Time vs Supply Voltage (600mV Output Step)
Supply Voltage
10% to 90% Rise Time
±1.5V
830ns
±2.5V
800ns
±5V
700ns
PART NUMBER
DESCRIPTION
COMMENTS
LT1630/LT1631
Dual/Quad 30MHz, 10V/μs Rail-to-Rail Input
and Output Op Amps
High DC Accuracy, 525μV VOS(MAX), 70mA Output Current,
Max Supply Current 4.4mA per Amp
LT1638/LT1639
Dual/Quad 1.2MHz, 0.4V/μs, Over-The-Top™ Micropower
Rail-to-Rail Input and Output Op Amps
170μA Supply Current, Single Supply Input Range –0.4V to 44V,
Rail-to-Rail Input and Output
LT1783
Micropower Over-The-Top SOT-23 Rail-to-Rail Input and
Output Op Amp
SOT-23 Package, Micropower 220μA per Amplifier,
Rail-to-Rail Input and Output, 1.2MHz Gain Bandwidth
LT1880
SOT-23 Rail-to-Rail Output, Picoamp Input Current
Precision Op Amp
150μV Maximum Offset Voltage, 900pA Maximum Bias Current,
1.1MHz Gain Bandwidth, –40°C to 85°C Temperature Range
–
+
LT1797
PHOTODIODE
SFH213FA
SIEMENS/INFINEON
VS = ±1.5V TO ±5V
3pF
100k
V+
V–
1797 TA04
1797 TA04b
2μs/DIV
100mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com