Electronic Components Datasheet Search
  English  ▼

X  

LT1797 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 5 Page - Linear Technology

  LT1797 Datasheet HTML 1Page - Linear Technology LT1797 Datasheet HTML 2Page - Linear Technology LT1797 Datasheet HTML 3Page - Linear Technology LT1797 Datasheet HTML 4Page - Linear Technology LT1797 Datasheet HTML 5Page - Linear Technology LT1797 Datasheet HTML 6Page - Linear Technology LT1797 Datasheet HTML 7Page - Linear Technology LT1797 Datasheet HTML 8Page - Linear Technology LT1797 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LT1797
5
1797fb
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
Output Saturation Voltage
vs Input Overdrive
Output Short-Circuit Current
vs Temperature
0.1Hz to 10Hz Noise Voltage
Input Noise Voltage Density
vs Frequency
Supply Current vs Supply Voltage
Minimum Supply Voltage
Input Bias Current
vs Common Mode Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
6789
1.8
1797 G01
0.4
12345
10 11 12
1.2
1.4
1.6
TA = 125°C
TA = 25°C
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
–300
–100
100
300
–200
0
200
1.0 1.5 2.0
3.0
4.0
1797 G02
5.0
0.5
0
2.5
3.5
4.5
TA = 125°C
TA = –55°C
TA = 25°C
COMMON MODE VOLTAGE (V)
–200
–100
0
100
–150
–50
50
1.0
2.0
3.0
4.0
1797 G03
5.0
0.5
0
1.5
2.5
3.5
4.5
VS = 5V, 0V
TA = 25°C
TA = 125°C
TA = –55°C
SOURCING LOAD CURRENT (A)
1μ
0.01
0.1
1
100μ
10μ
10m
1m
1797 G04
VS = ±2.5V
VOD = 30mV
TA = 25°C
TA = 125°C
TA = –55°C
INPUT OVERDRIVE (mV)
0
60
80
100
120
140
30
50
100
1797 G06
40
20
0
70
90
110
130
150
50
30
10
10 20
40
60 70 80 90
VS = ±2.5V
IOUT = 0
OUTPUT HIGH
OUTPUT LOW
SINKING LOAD CURRENT (A)
0.01
0.1
1μ
100μ
1m
10m
1797 G05
0.001
10μ
1
TA = 125°C
VS = ±2.5V
VOD = 30mV
TA = 25°C
TA = –55°C
TEMPERATURE (°C)
–50
40
45
50
25
75
1797 G07
35
30
–25
0
50
100
125
25
20
VS = ±2.5V
SOURCING CURRENT
SINKING CURRENT
TIME (SEC)
24
6
8
1797 G08
10
1
03
5
7
9
VS = ±5V
FREQUENCY (Hz)
20
40
60
80
100
10
1k
10k
100k
1797 G09
0
100
VS = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com