Electronic Components Datasheet Search
  English  ▼

X  

LT1797 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1797 Datasheet HTML 6Page - Linear Technology LT1797 Datasheet HTML 7Page - Linear Technology LT1797 Datasheet HTML 8Page - Linear Technology LT1797 Datasheet HTML 9Page - Linear Technology LT1797 Datasheet HTML 10Page - Linear Technology LT1797 Datasheet HTML 11Page - Linear Technology LT1797 Datasheet HTML 12Page - Linear Technology LT1797 Datasheet HTML 13Page - Linear Technology LT1797 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LT1797
11
1797fb
TYPICAL APPLICATIONS
Ultralow Noise, ±5V Supply, Rail-to-Rail Output Amplifier
–
+
–
+
R1
10k
R5
1k
R3
4.99k
R2
4.99k
–5V
–5V
5V
5V
LT1028
LT1797
IN
OUT
C1
2200pF
R4
10Ω
1797 TA03
TOTAL INPUT VOLTAGE NOISE
0.94nV/√Hz
(INCLUDING 10Ω RESISTOR)
BANDWIDTH
40kHz
AV = 500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com