Electronic Components Datasheet Search
  English  ▼

X  

LT1944 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1944
Description  Dual Micropower Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1944 Datasheet(HTML) 8 Page - Linear Technology

  LT1944 Datasheet HTML 1Page - Linear Technology LT1944 Datasheet HTML 2Page - Linear Technology LT1944 Datasheet HTML 3Page - Linear Technology LT1944 Datasheet HTML 4Page - Linear Technology LT1944 Datasheet HTML 5Page - Linear Technology LT1944 Datasheet HTML 6Page - Linear Technology LT1944 Datasheet HTML 7Page - Linear Technology LT1944 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1944
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2001
1944f LT/TP 1001 2K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1307
Single-Cell Micropower 600kHz PWM DC/DC Converter
3.3V at 75mA from One Cell, MSOP Package
LT1316
Burst Mode
® Operation DC/DC with Programmable Current Limit
1.5V Minimum, Precise Control of Peak Current Limit
LT1317
2-Cell Micropower DC/DC with Low-Battery Detector
3.3V at 200mA from Two Cells, 600kHz Fixed Frequency
LT1610
Single-Cell Micropower DC/DC Converter
3V at 30mA from 1V, 1.7MHz Fixed Frequency
LT1611
1.4MHz Inverting Switching Regulator in 5-Lead SOT-23
– 5V at 150mA from 5V Input, Tiny SOT-23 Package
LT1613
1.4MHz Switching Regulator in 5-Lead SOT-23
5V at 200mA from 3.3V Input, Tiny SOT-23 Package
LT1615
Micropower DC/DC Converter in 5-Lead SOT-23
20V at 12mA from 2.5V Input, Tiny SOT-23 Package
LT1617
Micropower Inverting DC/DC Converter in 5-Lead SOT-23
–15V at 12mA from 2.5V Input, Tiny SOT-23 Package
LT1930A
2.2MHz Boost DC/DC Converter in SOT-23
5V at 450mA from 3.3V, Tiny SOT-23 Package
Burst Mode is a registered trademark of Linear Technology Corporation
VIN
SW1
FB2
LT1944
4
3
L1
10
µH
D1
D2B
D2A
SHDN2
140k
1M
C2
2.2
µF
10V
5mA
20V
500
µA
–6.5V
500
µA
15mA
VIN
2.7V
TO 4.2V
1944 TA03
GND
7
PGND
9
PGND
6
810
SW2
C8
1
µF
C1
4.7
µF
FB1
2
5
1
SHDN1
L2
10
µH
D4
5 WHITE LEDs
82.5
Ω
C4
0.1
µF
C3
0.1
µF
C6
2.2
µF
C7
0.1
µF
C1: TAIYO YUDEN JMK212BJ475
C2, C6: TAIYO YUDEN LMK212BJ225
C3, C4, C7: TAIYO YUDEN EMK107BJ104
C5, C8: TAIYO YUDEN TMK316BJ105
D1, D4: ON SEMI MBR0530
D2, D3: ZETEX BAT54S
L1, L2: SUMIDA CLQ4D10-100
Q1, Q2: ON SEMI MMBT3906
(408) 573-4150
(408) 573-4150
(408) 573-4150
(408) 573-4150
(800) 282-9855
(631) 543-7100
(847) 956-0666
(800) 282-9855
D3B
D3A
C5
1
µF
140k
Q2
Q1
Four Output Power Supply for Color LCD Displays
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com