Electronic Components Datasheet Search
  English  ▼

X  

LT1944 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1944
Description  Dual Micropower Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1944 Datasheet(HTML) 1 Page - Linear Technology

  LT1944 Datasheet HTML 1Page - Linear Technology LT1944 Datasheet HTML 2Page - Linear Technology LT1944 Datasheet HTML 3Page - Linear Technology LT1944 Datasheet HTML 4Page - Linear Technology LT1944 Datasheet HTML 5Page - Linear Technology LT1944 Datasheet HTML 6Page - Linear Technology LT1944 Datasheet HTML 7Page - Linear Technology LT1944 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1944
Dual Micropower Step-Up
DC/DC Converter
The LT
®1944 is a dual micropower step-up DC/DC con-
verter in a 10-pin MSOP package. Each converter is
designed with a 350mA current limit and an input voltage
range of 1.2V to 15V, making the LT1944 ideal for a wide
variety of applications. Both converters feature a quies-
cent current of only 20
µAatnoload,whichfurtherreduces
to 0.5
µA in shutdown. A current limited, fixed off-time
control scheme conserves operating current, resulting in
high efficiency over a broad range of load current. The 36V
switch allows high voltage outputs up to 34V to be easily
generated in a simple boost topology without the use of
costly transformers. The LT1944’s low off-time of 400ns
permits the use of tiny, low profile inductors and capaci-
tors to minimize footprint and cost in space-conscious
portable applications.
s
Low Quiescent Current:
20
µA in Active Mode
<1
µA in Shutdown Mode
s
Operates with VIN as Low as 1.2V
s
Low VCESAT Switch: 250mV at 300mA
s
Uses Small Surface Mount Components
s
High Output Voltage: Up to 34V
s
Tiny 10-Pin MSOP Package
s
LCD Bias
s
Handheld Computers
s
Battery Backup
s
Digital Cameras
, LTC and LT are registered trademarks of Linear Technology Corporation.
VIN
SW1
FB2
LT1944
4
3
L1
4.7
µH
D1
SHDN2
324k
1M
C2
10
µF
5V
80mA
30V
8mA
VIN
2.7V
TO 4.2V
1944 TA01
GND
7
PGND
9
PGND
6
810
SW2
4.7pF
C1
4.7
µF
FB1
2
5
1
SHDN1
L2
10
µH
D2
2M
86.6k
C3
1
µF
4.7pF
C1: TAIYO YUDEN JMK212BJ475
C2: TAIYO YUDEN JMK316BJ106
C3: TAIYO YUDEN GMK316BJ105
D1, D2: ON SEMI MBR0540
L1: MURATA LQH3C4R7
L2: MURATA LQH3C100
LOAD CURRENT (mA)
0.1
1
10
100
1944 TA01a
90
85
80
75
70
65
60
55
50
VIN = 4.2V
VIN = 2.7V
Dual Output (5V, 30V) Boost Converter
5V Output Efficiency
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1944

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
Dual Micropower Step-Up DC/DC Converter
LT1944 LINER-LT1944 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1944-1 LINER-LT1944-1 Datasheet
153Kb / 8P
Dual Micropower Step-Up DC/DC Converter
More results

Similar Description - LT1944

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
Dual Micropower Step-Up DC/DC Converter
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
Micropower Step-up DC/DC Converter
logo
Analog Microelectronics
AME5138 AME-AME5138 Datasheet
533Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
Dual Micropower Step-Up DC/DC Converter
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
Micropower Step-up DC/DC Converter
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944-1 LINER-LT1944-1_15 Datasheet
153Kb / 8P
Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com