Electronic Components Datasheet Search
  English  ▼

X  

LT1944 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1944
Description  Dual Micropower Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1944 Datasheet(HTML) 4 Page - Linear Technology

  LT1944 Datasheet HTML 1Page - Linear Technology LT1944 Datasheet HTML 2Page - Linear Technology LT1944 Datasheet HTML 3Page - Linear Technology LT1944 Datasheet HTML 4Page - Linear Technology LT1944 Datasheet HTML 5Page - Linear Technology LT1944 Datasheet HTML 6Page - Linear Technology LT1944 Datasheet HTML 7Page - Linear Technology LT1944 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1944
BLOCK DIAGRA
Figure 1. LT1944 Block Diagram
OPERATIO
The LT1944 uses a constant off-time control scheme to
provide high efficiencies over a wide range of output
current. Operation can be best understood by referring to
the block diagram in Figure 1. Q1 and Q2 along with R3 and
R4 form a bandgap reference used to regulate the output
voltage. When the voltage at the FB1 pin is slightly above
1.23V, comparator A1 disables most of the internal cir-
cuitry. Output current is then provided by capacitor C2,
which slowly discharges until the voltage at the FB1 pin
drops below the lower hysteresis point of A1 (typical
hysteresis at the FB pin is 8mV). A1 then enables the
internal circuitry, turns on power switch Q3, and the
current in inductor L1 begins ramping up. Once the switch
current reaches 350mA, comparator A2 resets the one-
shot, which turns off Q3 for 400ns. L1 then delivers
current to the output through diode D1 as the inductor
current ramps down. Q3 turns on again and the inductor
current ramps back up to 350mA, then A2 resets the one-
shot, again allowing L1 to deliver current to the output.
This switching action continues until the output voltage is
charged up (until the FB1 pin reaches 1.23V), then A1
turns off the internal circuitry and the cycle repeats. The
LT1944 contains additional circuitry to provide protection
during start-up and under short-circuit conditions. When
the FB1 pin voltage is less than approximately 600mV, the
switch off-time is increased to 1.5
µs and the current limit
is reduced to around 250mA (70% of its normal value).
This reduces the average inductor current and helps
minimize the power dissipation in the power switch and in
the external inductor and diode. The second switching
regulator operates in the same manner.
–
+
–
+
8
400ns
ONE-SHOT
DRIVER
RESET
DRIVER
RESET
ENABLE
42mV
0.12
Ω
A2
A1
Q3
9
3
R4
140k
R3
30k
R6
40k
R5
40k
Q2
X10
Q1
1
VIN
FB1
2
SHDN1
10
SW1
PGND
GND
1944 BD
L1
C2
VOUT1
VIN
D1
R2
(EXTERNAL)
R1
(EXTERNAL)
VOUT1
C1
–
+
–
+
400ns
ONE-SHOT
ENABLE
42mV
0.12
Ω
A2B
A1B
Q3B
7
R4B
140k
R3B
30k
R6B
40k
R5B
40k
Q2B
X10
Q1B
5
VIN
FB2
4
SHDN2
6
SW2
PGND
L2
C3
VOUT2
VIN
D2
R2B
(EXTERNAL)
R1B
(EXTERNAL)
VOUT2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com