Electronic Components Datasheet Search
  English  ▼

X  

LT1944 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1944
Description  Dual Micropower Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1944 Datasheet(HTML) 3 Page - Linear Technology

  LT1944 Datasheet HTML 1Page - Linear Technology LT1944 Datasheet HTML 2Page - Linear Technology LT1944 Datasheet HTML 3Page - Linear Technology LT1944 Datasheet HTML 4Page - Linear Technology LT1944 Datasheet HTML 5Page - Linear Technology LT1944 Datasheet HTML 6Page - Linear Technology LT1944 Datasheet HTML 7Page - Linear Technology LT1944 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1944
TYPICAL PERFOR A CE CHARACTERISTICS
Switch Saturation Voltage
(VCESAT)
Quiescent Current
Feedback Pin Voltage and
Bias Current
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1944 G01
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
ISWITCH = 500mA
ISWITCH = 300mA
TEMPERATURE (
°C)
–50
1944 G02
1.25
1.24
1.23
1.22
1.21
1.20
50
40
30
20
10
0
CURRENT
VOLTAGE
–25
0
25
50
75
100
TEMPERATURE (
°C)
1944 G03
25
23
21
19
17
15
–50
–25
0
25
50
75
100
VIN = 12V
VIN = 1.2V
VFB = 1.23V
NOT SWITCHING
PI FU CTIO S
FB1 (Pin 1): Feedback Pin for Switcher 1. Set the output
voltage by selecting values for R1 and R2.
SHDN1 (Pin 2): Shutdown Pin for Switcher 1. Tie this pin
to 0.9V or higher to enable device. Tie below 0.25V to turn
it off.
GND (Pin 3): Ground. Tie this pin directly to the local
ground plane.
SHDN2 (Pin 4): Shutdown Pin for Switcher 2. Tie this pin
to 0.9V or higher to enable device. Tie below 0.25V to turn
it off.
FB2 (Pin 5): Feedback Pin for Switcher 2. Set the output
voltage by selecting values for R1B and R2B.
SW2 (Pin 6): Switch Pin for Switcher 2. This is the
collector of the internal NPN power switch. Minimize the
metal trace area connected to the pin to minimize EMI.
PGND (Pins 7, 9): Power Ground. Tie these pins directly
to the local ground plane. Both pins must be tied.
VIN (Pin 8): Input Supply Pin. Bypass this pin with a
capacitor as close to the device as possible.
SW1 (Pin 10): Switch Pin for Switcher 1. This is the
collector of the internal NPN power switch. Minimize the
metal trace area connected to the pin to minimize EMI.
TEMPERATURE (
°C)
1944 G04
550
500
450
400
350
300
250
–50
–25
0
25
50
75
100
VIN = 1.2V
VIN = 12V
TEMPERATURE (
°C)
1944 G05
400
350
300
250
200
150
100
50
0
–50
–25
0
25
50
75
100
VIN = 12V
VIN = 1.2V
SHUTDOWN PIN VOLTAGE (V)
1944 G03
25
20
15
10
5
0
0
5
10
15
25
°C
100
°C
Switch Off Time
Shutdown Pin Current
Switch Current Limit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com