Electronic Components Datasheet Search
  English  ▼

X  

LTC1485 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1485
Description  Differential Bus Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1485 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1485 Datasheet HTML 3Page - Linear Technology LTC1485 Datasheet HTML 4Page - Linear Technology LTC1485 Datasheet HTML 5Page - Linear Technology LTC1485 Datasheet HTML 6Page - Linear Technology LTC1485 Datasheet HTML 7Page - Linear Technology LTC1485 Datasheet HTML 8Page - Linear Technology LTC1485 Datasheet HTML 9Page - Linear Technology LTC1485 Datasheet HTML 10Page - Linear Technology LTC1485 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1485
TI E WAVEFOR
S
G
WITCHI
S
Figure 9. Typical Connection
1.5V
0V
tZL
f = 1MHz; tr ≤ 10ns; tf ≤ 10ns
VOL
3V
VOH
1485 F08
1.5V
tZH
RO
RO
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
1.5V
0V
5V
RE
Figure 8. Receiver Enable and Disable Times
S
APPLICATI
I FOR ATIO
Typical Application
A typical connection of the LTC1485 is shown in Figure 9.
Two twisted pair wires connect up to 32 driver/receiver
pairs for half duplex data transmission. There are no
restrictions on where the chips are connected to the wires
and it isn’t necessary to have the chips connected at the
ends. However, the wires must be terminated only at the
ends with a resistor equal to their characteristic imped-
ance, typically 120
Ω. The input impedance of a receiver is
typically 20k to GND, or 0.6 unit RS485 load, so in practice
50 to 60 transceivers can be connected to the same wires.
The optional shields around the twisted pair help reduce
unwanted noise, and are connected to GND at one end.
6
7
120
Ω
120
Ω
3
4
RX
DX
2
1
1485 F09
LTC1485
RX
DX
4
1
3
2
LTC1485
RECEIVER
RX
DX
7
4
1
3
2
LTC1485
6
RECEIVER
DRIVER
RECEIVER
DRIVER
DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com