Electronic Components Datasheet Search
  English  ▼

X  

LTC1485 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1485
Description  Differential Bus Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1485 Datasheet(HTML) 3 Page - Linear Technology

  LTC1485 Datasheet HTML 1Page - Linear Technology LTC1485 Datasheet HTML 2Page - Linear Technology LTC1485 Datasheet HTML 3Page - Linear Technology LTC1485 Datasheet HTML 4Page - Linear Technology LTC1485 Datasheet HTML 5Page - Linear Technology LTC1485 Datasheet HTML 6Page - Linear Technology LTC1485 Datasheet HTML 7Page - Linear Technology LTC1485 Datasheet HTML 8Page - Linear Technology LTC1485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1485
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF
q
10
30
50
ns
(Figures 2, 5)
tPHL
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF
q
10
30
50
ns
(Figures 2, 5)
tSKEW
Driver Output to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF
q
410
ns
(Figures 2, 5)
tr, tf
Driver Rise or Fall Time
RDIFF = 54Ω, CL1 = CL2 = 100pF
q
515
25
ns
(Figures 2, 5)
tZH
Driver Enable to Output High
CL = 100pF (Figures 4, 6) S2 Closed
q
40
70
ns
tZL
Driver Enable to Output Low
CL = 100pF (Figures 4, 6) S1 Closed
q
40
70
ns
tLZ
Driver Disable Time from Low
CL = 15pF (Figures 4, 6) S1 Closed
q
40
70
ns
tHZ
Driver Disable Time from High
CL = 15pF (Figures 4, 6) S2 Closed
q
40
70
ns
tPLH
Receiver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF (Figures 2, 7)
q
15
25
50
ns
tPHL
Receiver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF (Figures 2, 7)
q
20
30
55
ns
tSKEW
| tPLH – tPHL |RDIFF = 54Ω, CL1 = CL2 = 100pF (Figures 2, 7)
q
515
ns
Differential Receiver Skew
tZL
Receiver Enable to Output Low
CL = 15pF (Figures 3, 8) S1 Closed
q
30
45
ns
tZH
Receiver Enable to Output High
CL = 15pF (Figures 3, 8) S2 Closed
q
30
45
ns
tLZ
Receiver Disable from Low
CL = 15pF (Figures 3, 8) S1 Closed
q
30
45
ns
tHZ
Receiver Disable from High
CL = 15pF (Figures 3, 8) S2 Closed
q
30
45
ns
S
GC
C
HARA TERISTICS
WITCHI
VCC = 5V (Notes 2, 3), unless otherwise noted.
The q denotes specifications which apply over the operating temperature
range.
Note 1: Absolute Maximum Ratings are those values beyond which the
safety of the device cannot be guaranteed.
Note 2: All currents into device pins are positive. All currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given for VCC = 5V and TA = 25°C.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Receiver Output High Voltage vs
Temperature
Receiver Output Low Voltage vs
Output Current
Receiver Output High Voltage vs
Output Current
OUTPUT VOLTAGE (V)
0
0
16
1.0
1485 G01
8
0.5
1.5
24
32
2.0
4
12
20
28
36
TA = 25°C
OUTPUT VOLTAGE (V)
5
0
–8
1485 G02
–4
43
–12
–16
2
–2
–6
–10
–14
–18
TA = 25°C
TEMPERATURE (
°C)
–50
3.0
3.8
50
1485 G03
3.4
–25
125
4.2
4.6
0
25
75
100
4.8
4.4
4.0
3.6
3.2
I = 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com