Electronic Components Datasheet Search
  English  ▼

X  

LTC1485 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1485
Description  Differential Bus Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1485 Datasheet(HTML) 4 Page - Linear Technology

  LTC1485 Datasheet HTML 1Page - Linear Technology LTC1485 Datasheet HTML 2Page - Linear Technology LTC1485 Datasheet HTML 3Page - Linear Technology LTC1485 Datasheet HTML 4Page - Linear Technology LTC1485 Datasheet HTML 5Page - Linear Technology LTC1485 Datasheet HTML 6Page - Linear Technology LTC1485 Datasheet HTML 7Page - Linear Technology LTC1485 Datasheet HTML 8Page - Linear Technology LTC1485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1485
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Driver Differential Output Voltage
vs Temperature
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
50
0.9
1485 G04
0.2
–25
125
0.6
0.7
0.8
0
25
75
100
I = 8mA
OUTPUT VOLTAGE (V)
0
0
32
2
1485 G05
16
13
48
64
4
TA = 25°C
TEMPERATURE (
°C)
–50
1.6
2.0
50
1485 G06
1.8
–25
125
2.2
2.4
0
25
75
100
RL =54Ω
Driver Differential Output Voltage
vs Output Current
Receiver Output Low Voltage
vs Temperature
Driver Output High Voltage vs
Output Current
TTL Input Threshold vs
Temperature
Driver Output Low Voltage vs
Output Current
OUTPUT VOLTAGE (V)
0
0
40
2
1485 G07
20
13
60
80
4
TA = 25°C
OUTPUT VOLTAGE (V)
0
0
–48
2
1485 G08
–24
13
–72
–96
4
TA = 25°C
TEMPERATURE (°C)
–50
1.55
1.59
50
1485 G09
1.57
–25
125
1.61
1.63
0
25
75
100
Receiver | tPLH – tPHL| vs
Temperature
Supply Current vs Temperature
Driver Skew vs Temperature
TEMPERATURE (°C)
–50
1
3
50
1485 G10
2
–25
125
4
5
0
25
75
100
TEMPERATURE (°C)
–50
1
3
50
1485 G11
2
–25
125
4
5
0
25
75
100
TEMPERATURE (°C)
–50
1.4
1.6
50
1485 G12
1.5
–25
125
1.7
1.8
0
25
75
100
DRIVER ENABLED
DRIVER DISABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com