Electronic Components Datasheet Search
  English  ▼

X  

LTC1485 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1485
Description  Differential Bus Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1485 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1485 Datasheet HTML 2Page - Linear Technology LTC1485 Datasheet HTML 3Page - Linear Technology LTC1485 Datasheet HTML 4Page - Linear Technology LTC1485 Datasheet HTML 5Page - Linear Technology LTC1485 Datasheet HTML 6Page - Linear Technology LTC1485 Datasheet HTML 7Page - Linear Technology LTC1485 Datasheet HTML 8Page - Linear Technology LTC1485 Datasheet HTML 9Page - Linear Technology LTC1485 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1485
TI E WAVEFOR
S
G
WITCHI
S
Figure 7. Receiver Propagation Delays
Figure 5. Driver Propagation Delays
Figure 6. Driver Enable and Disable Times
0V
–VOD2
tPLH
f = 1MHz; tr ≤ 10ns; tf ≤ 10ns
0V
tPHL
VOH
1.5V
1.5V
VOD2
VOL
RO
VA – VB
OUTPUT
INPUT
1485 F07
1.5V
0V
tPLH
f = 1MHz; tr ≤ 10ns; tf ≤ 10ns
1.5V
tPHL
VO
10%
50%
90%
tr
10%
50%
90%
tf
B
1/2 VO
tSKEW
A
VO
1/2 VO
tSKEW
3V
DI
VA – VB
–VO
1485 F05
1.5V
0V
tZL
f = 1MHz; tr ≤ 10ns; tf ≤ 10ns
VOL
3V
DE
VOH
1485 F06
2.3V
tZH
A,B
A,B
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
2.3V
0V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com