Electronic Components Datasheet Search
  English  ▼

X  

LT3463 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3463
Description  Dual Micropower DC/DC Converters with Schottky Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3463 Datasheet(HTML) 8 Page - Linear Technology

  LT3463 Datasheet HTML 1Page - Linear Technology LT3463 Datasheet HTML 2Page - Linear Technology LT3463 Datasheet HTML 3Page - Linear Technology LT3463 Datasheet HTML 4Page - Linear Technology LT3463 Datasheet HTML 5Page - Linear Technology LT3463 Datasheet HTML 6Page - Linear Technology LT3463 Datasheet HTML 7Page - Linear Technology LT3463 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT3463/LT3463A
3463f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0404 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1615/LT1615-1 300mA/80mA (ISW), High Efficiency Step-Up DC/DC Converters
VIN: 1V to 15V, VOUT(MAX): 34V, IQ: 20µA, ISD: <1µA,
ThinSOT Package
LT1944
Dual Output 350mA (ISW), Constant Off-Time,
VIN: 1.2V to 15V, VOUT(MAX): 34V, IQ: 20µA, ISD: <1µA,
High Efficiency Step-Up DC/DC Converter
MS Package
LT1944-1
Dual Output 150mA (ISW), Constant Off-Time,
VIN: 1.2V to 15V, VOUT(MAX): 34V, IQ: 20µA, ISD: <1µA,
High Efficiency Step-Up DC/DC Converter
MS Package
LT1945
Dual Output, Pos/Neg, 350mA (ISW),
VIN: 1.2V to 15V, VOUT(MAX): ±34V, IQ: 20µA, ISD: <1µA,
Constant Off-Time, High Efficiency Step-Up DC/DC Converter
MS Package
LT3464
85mA (ISW), High Efficiency Step-Up DC/DC Converter
VIN: 2.3V to 10V, VOUT(MAX): 34V, IQ: 25µA, ISD: <1µA,
with Integrated Schottky and PNP Disconnect
ThinSOT Package
CCD Bias Supply
TYPICAL APPLICATIO
VIN
VREF
VOUT1
VOUT1
15V
10mA
VOUT2
–8V
50mA
SW1
FB2
LT3463A
8
11
L1
10
µH
SHDN2
C2
2.2
µF
VIN
2.7V
TO 5V
3463 TA01a
GND
4
SW2
5
32
1
D2
C4
1
µF
D1
C1
4.7
µF
FB1
9
6
7
10
SHDN1
R2
1M
R4
1M
C5
10pF
C1: TAIYO YUDEN JMK212BJ475MG
C2: TAIYO YUDEN EMK316BJ225ML
C3: TAIYO YUDEN LMK316BJ475ML
C4: TAIYO YUDEN EMK212BJ105MG
C5: AVX 06035A100KAT2A
D1: DIODES, INC B0540W
L1, L2: MURATA LQH32CN100K53
R3
154k
R1
90.9k
C3
4.7
µF
L2
10
µH
Typical Waveforms for 15V Output
Typical Waveforms for –8V Output
VSW1
10V/DIV
VOUT1
AC-COUPLED
50mV/DIV
IL1
200mA/DIV
2
µs/DIV
3463 TA04
VSW2
5V/DIV
VOUT2
AC-COUPLED
50mV/DIV
IL2
200mA/DIV
2
µs/DIV
3463 TA05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com