Electronic Components Datasheet Search
  English  ▼

X  

LT3463 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3463
Description  Dual Micropower DC/DC Converters with Schottky Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3463 Datasheet(HTML) 1 Page - Linear Technology

  LT3463 Datasheet HTML 1Page - Linear Technology LT3463 Datasheet HTML 2Page - Linear Technology LT3463 Datasheet HTML 3Page - Linear Technology LT3463 Datasheet HTML 4Page - Linear Technology LT3463 Datasheet HTML 5Page - Linear Technology LT3463 Datasheet HTML 6Page - Linear Technology LT3463 Datasheet HTML 7Page - Linear Technology LT3463 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT3463/LT3463A
3463f
Dual Micropower
DC/DC Converters
with Schottky Diodes
, LTC and LT are registered trademarks of Linear Technology Corporation.
CCD Bias Supply (15V, –8V)
Efficiency and Power Loss
The LT
®3463/LT3463A are dual micropower DC/DC con-
verters with internal Schottky diodes in a 10-lead 3mm
×
3mm DFN package. Negative and positive LT3463 con-
verters have a 250mA current limit. The LT3463A positive
converter also has a 250mA limit, while the negative
converter has a 400mA limit. Both devices have an input
voltage range of 2.4V to 15V, making them ideal for a wide
variety of applications. Each converter features a quies-
cent current of only 20
µA, which drops to under 1µA in
shutdown. A current limited, fixed off-time control scheme
conserves operating current, resulting in high efficiency
over a broad range of load current. The 42V switch enables
high voltage outputs up to
±40V to be easily generated
without the use of costly transformers. The low 300ns off-
time permits the use of tiny, low profile inductors and
capacitors to minimize footprint and cost in space-con-
scious portable applications.
s
Generates Well-Regulated Positive and
Negative Outputs
s
Low Quiescent Current:
20
µA (per Converter) in Active Mode
<1
µA in Shutdown Mode
s
Internal 42V Power Switches
s
Internal 42V Schottky Diodes
s
Low VCESAT Switch: 180mV at 150mA
s
Input Voltage Range: 2.4V to 15V
s
High Output Voltages: Up to
±40V
s
Low Profile (0.8mm) 3mm x 3mm DFN Package
s
CCD Bias
s
LCD Bias
s
Handheld Computers
s
Digital Cameras
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
VIN
VREF
VOUT1
VOUT1
15V
10mA
VOUT2
–8V
50mA
SW1
FB2
LT3463A
10
µH
SHDN2
2.2
µF
VIN
2.7V
TO 5V
3463 TA01a
GND
SW2
D2
1
µF
4.7
µF
FB1
SHDN1
1M
1M
10pF
154k
90.9k
4.7
µF
10
µH
LOAD CURRENT (mA)
0.1
50
70
75
80
1
10
100
3463 TA01b
65
–8V LOSS
60
55
0
160
200
240
120
80
40
VIN = 3.6V
15V EFFICIENCY
–8V EFFICIENCY
15V LOSS


Similar Part No. - LT3463

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3463 LINEAR-LT3463 Datasheet
196Kb / 8P
Dual Micropower DC/DC Converters with Schottky Diodes
logo
Linear Technology
LT3463 LINER-LT3463 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Analog Devices
LT3463 AD-LT3463 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
LT3463 AD-LT3463 Datasheet
761Kb / 18P
0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
Rev. 0
logo
Linear Integrated Syste...
LT3463A LINEAR-LT3463A Datasheet
196Kb / 8P
Dual Micropower DC/DC Converters with Schottky Diodes
More results

Similar Description - LT3463

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
Micropower, 600kHz PWM DC/DC Converters
logo
Linear Integrated Syste...
LT3463 LINEAR-LT3463 Datasheet
196Kb / 8P
Dual Micropower DC/DC Converters with Schottky Diodes
logo
Linear Technology
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
Inverting Micropower DC/DC Converter with Schottky
logo
Unisonic Technologies
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT3463A LINER-LT3463A_15 Datasheet
198Kb / 8P
Dual Micropower DC/DC Converters with Schottky Diodes
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
Inverting Micropower DC/DC Converters with Schottky
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
Micropower, 600kHz PWM DC/DC Converters
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
MICROPOWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com