Electronic Components Datasheet Search
  English  ▼

X  

LT3463 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3463
Description  Dual Micropower DC/DC Converters with Schottky Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3463 Datasheet(HTML) 5 Page - Linear Technology

  LT3463 Datasheet HTML 1Page - Linear Technology LT3463 Datasheet HTML 2Page - Linear Technology LT3463 Datasheet HTML 3Page - Linear Technology LT3463 Datasheet HTML 4Page - Linear Technology LT3463 Datasheet HTML 5Page - Linear Technology LT3463 Datasheet HTML 6Page - Linear Technology LT3463 Datasheet HTML 7Page - Linear Technology LT3463 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT3463/LT3463A
3463f
Choosing an Inductor
Several recommended inductors that work well with the
LT3463 are listed in Table 1, although there are many other
manufacturers and devices that can be used. Consult each
manufacturer for more detailed information and for their
entire selection of related parts. Many different sizes and
shapes are available. Use the equations and recommenda-
tions in the next few sections to find the correct inductance
value for your design.
Table 1. Recommended Inductors
MAX
MAX
HEIGHT
PART
L (
µH) IDC (mA) DCR(Ω) (mm) MANUFACTURER
CMD4D06
4.7
750
0.22
0.8
Sumida
10
500
0.46
(847) 956-0666
22
310
1.07
www.sumida.com
CDRH3D16
10
500
0.19
1.8
Sumida
22
310
0.36
LPO4812
4.7
600
0.16
1.2
Coilcraft
10
400
0.30
(847) 639-6400
22
280
0.64
www.coilcraft.com
LQH32C
10
450
0.39
1.8
Murata
15
300
0.75
(714) 852-2001
22
250
0.92
www.murata.com
LQH31C
4.7
340
0.85
1.8
Murata
Inductor Selection—Boost Regulator
The formula below calculates the appropriate inductor
value to be used for a boost regulator using the LT3463 (or
at least provides a good starting point). This value pro-
vides a good tradeoff in inductor size and system perfor-
mance. Pick a standard inductor close to this value. A
larger value can be used to slightly increase the available
output current, but limit it to around twice the value
calculated below, as too large of an inductance will in-
crease the output voltage ripple without providing much
additional output current. A smaller value can be used
(especially for systems with output voltages greater than
12V) to give a smaller physical size. Inductance can be
calculated as:
L
VV
V
I
t
OUT
IN MIN
D
LIM
OFF
=
−+
()
where VD = 0.5V (Schottky diode voltage), ILIM = 250mA
(or 400mA) and tOFF = 300ns; for designs with varying VIN
APPLICATIO S I FOR ATIO
such as battery powered applications, use the minimum
VIN value in the above equation. For most regulators with
output voltages below 7V, a 4.7
µH inductor is the best
choice, even though the equation above might specify a
smaller value.
For higher output voltages, the formula above will give
large inductance values. For a 3V to 20V converter (typical
LCD Bias application), a 21
µH inductor is called for with
the above equation, but a 10
µH inductor could be used
without much reduction in the maximum output current.
Inductor Selection—Inverting Regulator
The formula below calculates the appropriate inductor
value to be used for an inverting regulator using the
LT3463 (or at least provides a good starting point). This
value provides a good tradeoff in inductor size and system
performance. Pick a standard inductor close to this value
(both inductors should be the same value). A larger value
can be used to slightly increase the available output
current, but limit it to around twice the value calculated
below, as too large of an inductance will increase the
output voltage ripple without providing much additional
output current. A smaller value can be used (especially for
systems with output voltages greater than 12V) to give a
smaller physical size. Inductance can be calculated as:
L
VV
I
t
OUT
D
LIM
OFF
=
+
2
where VD = 0.5V (Schottky diode voltage), ILIM = 250mA
(or 400mA) and tOFF = 300ns.
For higher output voltages, the formula above will give
large inductance values. For a 3V to 20V converter (typical
LCD bias application), a 49
µH inductor is called for with
the above equation, but a 10
µH or 22µH inductor could be
used without much reduction in the maximum output
current.
Inductor Selection—Inverting Charge Pump Regulator
For the inverting regulator, the voltage seen by the internal
power switch is equal to the sum of the absolute value of
the input and output voltages, so that generating high



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com