Electronic Components Datasheet Search
  English  ▼

X  

LT3980 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3980
Description  58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3980 Datasheet(HTML) 1 Page - Linear Technology

  LT3980 Datasheet HTML 1Page - Linear Technology LT3980 Datasheet HTML 2Page - Linear Technology LT3980 Datasheet HTML 3Page - Linear Technology LT3980 Datasheet HTML 4Page - Linear Technology LT3980 Datasheet HTML 5Page - Linear Technology LT3980 Datasheet HTML 6Page - Linear Technology LT3980 Datasheet HTML 7Page - Linear Technology LT3980 Datasheet HTML 8Page - Linear Technology LT3980 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3980
1
3980fa
For more information www.linear.com/LT3980
58V, 2A, 2.4MHz
Step-Down Switching Regulator
with 85µA Quiescent Current
The LT®3980 is an adjustable frequency (100kHz to
2.4MHz) monolithic buck switching regulator that accepts
input voltages up to 58V (80V transient). A high efficiency
200mΩ switch is included on the die along with a boost
Schottky diode and the necessary oscillator, control, and
logic circuitry. Current mode topology is used for fast
transient response and good loop stability. Catch diode
current sense (DA pin) protects the circuit during input
voltage transients even when a high switching frequency
is used. Low ripple Burst Mode operation maintains high
efficiency at low output currents while keeping output
ripple below 15mV in a typical application. In addition, the
LT3980 can further enhance low output current efficiency
by drawing bias current from the output when VOUT is
above 3V. Shutdown reduces input supply current to less
than 1µA while a resistor and capacitor on the RUN/SS
pin provide a controlled output voltage ramp (soft-start).
A power good flag signals when VOUT reaches 91% of
the programmed output voltage. The LT3980 is available
in 16-pin MSOP and 3mm
× 4mm DFN packages with
exposed pads for low thermal resistance.
■
Automotive Battery Regulation
■
Distributed Supply Regulation
■
Industrial Supplies
■
Wall Transformer Regulation
■
Wide Input Range: Operation from 3.6V to 58V
■
Overvoltage Lockout Protects Circuits Through 80V
Transients
■
2A Maximum Output Current
■
Low Ripple (<15mVP-P) Burst Mode® Operation:
IQ = 85µA at 12VIN to 3.3VOUT
■
Adjustable Switching Frequency: 100kHz to 2.4MHz
■
Low Shutdown Current: IQ < 1µA
■
Catch Diode Current Sense Protects Circuit Through
Short-Circuit and Input Overvoltage
■
Synchronizable Between 250kHz to 2MHz
■
Power Good Flag
■
Saturating Switch Design: 200mΩ On-Resistance
■
Thermal Protection
■
Soft-Start Capability
■
Small 16-Pin Thermally Enhanced MSOP and
3mm
× 4mm DFN Packages
5V Step-Down Converter
Efficiency, VOUT = 5V
Typical applicaTion
DescripTion
FeaTures
applicaTions
SW
FB
VC
PG
RT
VIN
BD
VIN
6.5V TO 58V
TRANSIENT
TO 80V
VOUT
5V
2A
10µF
0.47µF
1nF
47µF
100k
4.75k
97.6k
10µH
22pF
536k
GND
DA
OFF ON
LT3980
3980 TA01
RUN/SS
BOOST
SYNC
L
, LT, LTC, LTM, Linear Technology, Burst Mode and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
ILOAD (A)
0
0.5
1
2
3980 TA01b
1.5
VIN = 12V
VIN = 48V
f = 400kHz
D = DIODES, INC. SBR3U100LP
VIN = 24V
85
70
60
55
50
95
90
80
75
65


Similar Part No. - LT3980

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3980 LINER-LT3980 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT3980 LINER-LT3980 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT3980 LINER-LT3980 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
LT3980 LINER-LT3980 Datasheet
417Kb / 28P
40V, 5A, 2MHz Step-Down Switching Regulator with 3.3關A Quiescent Current
LT3980 LINER-LT3980 Datasheet
407Kb / 28P
40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
More results

Similar Description - LT3980

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LTM8050 LINER-LTM8050_15 Datasheet
474Kb / 24P
58V, 2A Step-Down Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com