Electronic Components Datasheet Search
  English  ▼

X  

LT3980 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3980
Description  58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3980 Datasheet(HTML) 3 Page - Linear Technology

  LT3980 Datasheet HTML 1Page - Linear Technology LT3980 Datasheet HTML 2Page - Linear Technology LT3980 Datasheet HTML 3Page - Linear Technology LT3980 Datasheet HTML 4Page - Linear Technology LT3980 Datasheet HTML 5Page - Linear Technology LT3980 Datasheet HTML 6Page - Linear Technology LT3980 Datasheet HTML 7Page - Linear Technology LT3980 Datasheet HTML 8Page - Linear Technology LT3980 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3980
3
3980fa
For more information www.linear.com/LT3980
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current from BD
VRUN/SS = 0.2V
VBD = 3V, Not Switching
VBD = 0, Not Switching
55
0.01
82
1
0.5
115
5
µA
µA
µA
Feedback Voltage
●
782
770
790
790
798
805
mV
mV
FB Pin Bias Current (Note 3)
VFB = 0.8V, VC = 1.2V
●
10
40
nA
FB Voltage Line Regulation
4V < VIN < 56V
0.002
0.01
%/V
Error Amp gm
500
µmho
Error Amp Gain
1800
VC Source Current
60
µA
VC Sink Current
60
µA
VC Pin to Switch Current Gain
3.87
A/V
VC Clamp Voltage
2
V
Switching Frequency
RT = 8.66k
RT = 29.4k
RT = 187k
1.95
0.86
195
2.25
1.07
225
2.55
1.27
255
MHz
MHz
kHz
Minimum Switch Off-Time
●
140
230
nS
Switch Current Limit
Duty Cycle = 5%
3.3
4
4.9
A
Switch VCESAT
ISW = 2A
540
mV
DA Pin Current to Pause OSC
1.9
2.4
3
A
Boost Schottky Reverse Leakage
VBD = 0V
0.02
2
µA
Minimum Boost Voltage (Note 4)
●
1.7
2.2
V
BOOST Pin Current
ISW = 2A
40
55
mA
RUN/SS Pin Current
VRUN/SS = 2.5V
6
10
µA
RUN/SS Input Voltage High
2.5
V
RUN/SS Input Voltage Low
●
0.4
V
PG Threshold Offset from Feedback Voltage
VFB Rising
●
50
65
80
mV
PG Hysteresis
14
mV
PG Leakage
VPG = 5V
0.1
1
µA
PG Sink Current
VPG = 0.4V
●
200
700
µA
SYNC Threshold
0.575
0.675
0.775
V
SYNC Pin Bias Current
VSYNC = 0V
0.1
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3980E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LT3980I specifications are
guaranteed over the –40°C to 125°C temperature range. The LT3980H
specifications are guaranteed over the –40°C to 150°C operating
temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated at junction temperatures greater
than 125°C.
Note 3: Bias current flows out of the FB pin.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.
Note 5: Absolute Maximum at VIN and RUN/SS pins is 80V for non-
repetitive 1 minute transients, and 60V for continuous operation.
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUN/SS = 10V, VBOOST = 15V, VBD = 3.3V unless otherwise
noted. (Note 2)
elecTrical characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com