Electronic Components Datasheet Search
  English  ▼

X  

LT3980 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3980
Description  58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3980 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3980 Datasheet HTML 9Page - Linear Technology LT3980 Datasheet HTML 10Page - Linear Technology LT3980 Datasheet HTML 11Page - Linear Technology LT3980 Datasheet HTML 12Page - Linear Technology LT3980 Datasheet HTML 13Page - Linear Technology LT3980 Datasheet HTML 14Page - Linear Technology LT3980 Datasheet HTML 15Page - Linear Technology LT3980 Datasheet HTML 16Page - Linear Technology LT3980 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3980
13
3980fa
For more information www.linear.com/LT3980
Loop compensation determines the stability and transient
performance.Designingthecompensationnetworkisabit
complicated and the best values depend on the application
and in particular the type of output capacitor. A practical
approach is to start with one of the circuits in this data
sheet that is similar to your application and tune the com-
pensation network to optimize the performance. Stability
should then be checked across all operating conditions,
including load current, input voltage and temperature. The
LT1375 data sheet contains a more thorough discussion
of loop compensation and describes how to test the sta-
bility using a transient load. Figure 2 shows an equivalent
circuit for the LT3980 control loop. The error amplifier is a
transconductance amplifier with finite output impedance.
The power section, consisting of the modulator, power
switch and inductor, is modeled as a transconductance
amplifier generating an output current proportional to
the voltage at the VC pin. Note that the output capacitor
integrates this current, and that the capacitor on the VC pin
(CC)integratestheerroramplifieroutputcurrent,resulting
in two poles in the loop. In most cases a zero is required
and comes from either the output capacitor ESR or from
a resistor RC in series with CC. This simple model works
well as long as the value of the inductor is not too high
and the loop crossover frequency is much lower than the
switching frequency. A phase lead capacitor (CPL) across
the feedback divider may improve the transient response.
Figure 3 shows the transient response when the load
current is stepped from 0.5A to 1.5A and back to 0.5A.
Low Ripple Burst Mode Operation and Pulse-Skipping
Mode
The LT3980 is capable of operating in either low ripple
Burst Mode operation or pulse-skipping mode which are
selected using the SYNC pin. See the Synchronization
section for details.
To enhance efficiency at light loads, the LT3980 can be
operated in low ripple Burst Mode operation which keeps
the output capacitor charged to the proper voltage while
minimizing the input quiescent current. During Burst
Mode operation, the LT3980 delivers single cycle bursts of
current to the output capacitor followed by sleep periods
where the output power is delivered to the load by the
output capacitor. Because the LT3980 delivers power to
theoutputwithsingle,lowcurrentpulses,theoutputripple
is kept below 15mV for a typical application. In addition,
VIN and BD quiescent currents are reduced to typically
35µA and 82µA respectively during the sleep time. As
the load current decreases towards a no-load condition,
the percentage of time that the LT3980 operates in sleep
mode increases and the average input current is greatly
reduced resulting in high efficiency even at very low loads.
See Figure 4. At higher output loads (above 140mA for
the front page application) the LT3980 will be running at
the frequency programmed by the RT resistor, and will be
operating in standard PWM mode. The transition between
PWM and low ripple Burst Mode operation is seamless,
and will not disturb the output voltage.
Figure 3. Transient Load Response of the LT3980 Front Page
Application as the Load Current Is Stepped from 0.5A to 1.5A
3980 F03
IL
0.5A/DIV
VOUT
100mV/DIV
50µs/DIV
VIN = 12V
VOUT = 5V
applicaTions inFormaTion
Figure 4. Burst Mode Operation
3980 F04
IL
0.2A/DIV
VSW
5V/DIV
VOUT
10mV/DIV
5µs/DIV
VIN = 12V
VOUT = 3.3V
ILOAD = 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com