Electronic Components Datasheet Search
  English  ▼

X  

LT3980 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3980
Description  58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3980 Datasheet(HTML) 4 Page - Linear Technology

  LT3980 Datasheet HTML 1Page - Linear Technology LT3980 Datasheet HTML 2Page - Linear Technology LT3980 Datasheet HTML 3Page - Linear Technology LT3980 Datasheet HTML 4Page - Linear Technology LT3980 Datasheet HTML 5Page - Linear Technology LT3980 Datasheet HTML 6Page - Linear Technology LT3980 Datasheet HTML 7Page - Linear Technology LT3980 Datasheet HTML 8Page - Linear Technology LT3980 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3980
4
3980fa
For more information www.linear.com/LT3980
INPUT VOLTAGE (V)
0
3980 G04
50
30
10
20
10
130
110
90
70
30
40
50
60
VOUT = 3.3V
DUTY CYCLE (%)
0
40
3980 G08
3.5
20
60
2.5
2.0
5.0
4.5
4.0
3.0
80
100
TYPICAL
MINIMUM
TEMPERATURE (°C)
–50
350
25
3980 G05
200
100
–25
0
50
50
0
400
300
250
150
75 100
150
125
VIN = 12V
VOUT = 3.3V
CATCH DIODE: DIODES, INC. PDS360
INCREASED SUPPLY
CURRENT DUE TO CATCH
DIODE LEAKAGE AT
HIGH TEMPERATURE
ILOAD (A)
0
0.5
1
2
3980 G02
1.5
VIN = 12V
VIN = 48V
f = 400kHz
D = DIODES, INC. SBR3U100LP
VIN = 24V
85
70
60
55
50
95
90
80
75
65
INPUT VOLTAGE (V)
3980 G07
2.0
3.5
3.0
2.5
TYPICAL
MINIMUM
5 10
20
30
40
50
15
25
35
45
60
55
INPUT VOLTAGE (V)
3980 G06
2.0
3.5
3.0
2.5
TYPICAL
MINIMUM
5 10
20
30
40
50
15
25
35
45
60
55
TEMPERATURE (°C)
4.0
4.5
5.5
5.0
3980 G09
3.5
3.0
2.0
2.5
6.5
6.0
DUTY CYCLE = 10%
–50
25
–25
0
50
75 100
150
125
Efficiency, VOUT = 5V
No-Load Supply Current
Maximum Load Current,
VOUT = 3.3V
Switch Current Limit
Switch Current Limit
Maximum Load Current,
VOUT = 5V
No-Load Supply Current
TA = 25°C unless otherwise noted.
SWITCHING FREQUENCY (MHz)
0.20
84
86
1.60
82
80
0.60
1.00
0.40
0.80
1.20
1.80
1.40
2.00
74
72
78
88
76
3.0
3.5
2.5
2.0
0.5
0
1.5
4.0
1.0
3980 G03
VIN = 12V
VOUT = 5V
IOUT = 2A
Typical perFormance characTerisTics
Efficiency, VOUT = 3.3V
Efficiency vs Switching Frequency
ILOAD (A)
0
0.5
1
2
3980 G01
1.5
VIN = 12V
VIN = 48V
f = 400kHz
D = DIODES, INC. SBR3U100LP
VIN = 24V
85
70
60
55
50
90
80
75
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com