Electronic Components Datasheet Search
  English  ▼

X  

LTC1664 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1664
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664 Datasheet(HTML) 1 Page - Linear Technology

  LTC1664 Datasheet HTML 1Page - Linear Technology LTC1664 Datasheet HTML 2Page - Linear Technology LTC1664 Datasheet HTML 3Page - Linear Technology LTC1664 Datasheet HTML 4Page - Linear Technology LTC1664 Datasheet HTML 5Page - Linear Technology LTC1664 Datasheet HTML 6Page - Linear Technology LTC1664 Datasheet HTML 7Page - Linear Technology LTC1664 Datasheet HTML 8Page - Linear Technology LTC1664 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1664
1
1664fa
Block Diagram
Features
Description
Micropower Quad
10-Bit DAC
TheLTC®1664integratesfouraccurate,seriallyaddressable
10-bit digital-to-analog converters (DACs) in a tiny 16-pin
narrowSSOPpackage.EachbufferedDACdrawsjust59µA
total supply current, yet is capable of supplying DC output
currents in excess of 5mA and reliably driving capacitive
loads of up to 1000pF. Sleep mode further reduces total
supply current to 1µA.
Linear Technology’s proprietary, inherently monotonic
voltage interpolation architecture provides excellent lin-
earity while allowing for an exceptionally small external
form factor.
Ultralow supply current, power-saving sleep mode and
extremely compact size make the LTC1664 ideal for
battery-powered applications, while its ease of use, high
performance and wide supply range make it an excellent
choice as a general-purpose converter.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Differential Nonlinearity (DNL)
applications
n
Tiny: 4 DACs in the Board Space of an SO-8
n
Micropower: 59µA per DAC Plus
1µA Sleep Mode for Extended Battery Life
n
Wide 2.7V to 5.5V Supply Range
n
Rail-to-Rail Voltage Outputs Drive 1000pF
n
Reference Range Includes Supply for Ratiometric
0V to VCC Output
n
Reference Input Impedance is Code-Independent
—Eliminates External Reference Buffer
n
Individually Addressable DACs
n
Differential Nonlinearity: ≤ ±0.75LSB Max
n
Pin-Compatible Octal Version Available (LTC1660)
n
Mobile Communications
n
Remote Industrial Devices
n
Automatic Calibration for Manufacturing
n
Portable Battery-Powered Instruments
n
Trim/Adjust Applications
CODE
0
256
512
768
1023
1664 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
2
5
1
GND
VOUT A
VOUT B
REF
CS/LD
SCK
VCC
VOUT D
VOUT C
CLR
DOUT
DIN
1664 BD
16
10-BIT
DAC A
10-BIT
DAC D
3
4
10-BIT
DAC B
10-BIT
DAC C
7
6
8
10
11
9
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER


Similar Part No. - LTC1664

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
Micropower Quad 10-Bit DAC
LTC1664C LINER-LTC1664C Datasheet
168Kb / 16P
Micropower Quad 10-Bit DAC
LTC1664CGN LINER-LTC1664CGN Datasheet
168Kb / 16P
Micropower Quad 10-Bit DAC
LTC1664CGN LINER-LTC1664CGN Datasheet
179Kb / 16P
Micropower Quad 10-Bit DAC
LTC1664CN LINER-LTC1664CN Datasheet
168Kb / 16P
Micropower Quad 10-Bit DAC
More results

Similar Description - LTC1664

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
Quad 10-Bit Serial Input Voltage Output DAC
logo
Linear Technology
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
Micropower Dual 10-Bit DAC in MSOP
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
Micropower Quad 10-Bit DAC
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with I2C Interface
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
Micropower Quad 10-Bit DAC
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
10-BIT DAC
logo
Maxim Integrated Produc...
MAX5250BEAP-T MAXIM-MAX5250BEAP-T Datasheet
762Kb / 16P
Low-Power, Quad, 10-Bit Voltage-Output DAC
Rev 1; 10/02
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1661 LINER-LTC1661_15 Datasheet
235Kb / 14P
Micropower Dual 10-Bit DAC in MSOP
LTC1427-50 LINER-LTC1427-50_15 Datasheet
211Kb / 8P
Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com