Electronic Components Datasheet Search
  English  ▼

X  

LTC1664 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1664
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664 Datasheet(HTML) 3 Page - Linear Technology

  LTC1664 Datasheet HTML 1Page - Linear Technology LTC1664 Datasheet HTML 2Page - Linear Technology LTC1664 Datasheet HTML 3Page - Linear Technology LTC1664 Datasheet HTML 4Page - Linear Technology LTC1664 Datasheet HTML 5Page - Linear Technology LTC1664 Datasheet HTML 6Page - Linear Technology LTC1664 Datasheet HTML 7Page - Linear Technology LTC1664 Datasheet HTML 8Page - Linear Technology LTC1664 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1664
3
1664fa
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Accuracy
Resolution
l
10
Bits
Monotonicity
(Notes 2, 4)
l
10
Bits
DNL
Differential Nonlinearity
(Notes 2, 4)
l
±0.2
±0.75
LSB
INL
Integral Nonlinearity
(Notes 2, 4)
l
±0.6
±2.5
LSB
VOS
Offset Error
(Note 7)
l
±10
±30
mV
VOS Temperature Coefficient
l
±15
µV/°C
FSE
Full-Scale Error
VCC = 5V, VREF = 4.096V (Note 4)
l
±3
±15
LSB
Full-Scale Error Temperature Coefficient
l
±30
µV/°C
PSR
Power Supply Rejection
VREF = 2.5V
0.18
LSB/V
Reference Input
Input Voltage Range
l
0
VCC
V
Resistance
Not in Sleep Mode
l
70
130
kΩ
Capacitance
12
pF
IREF
Reference Current
Sleep Mode
l
0.001
1
µA
Power Supply
VCC
Positive Supply Voltage
l
2.7
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
VCC = 3V (Note 3)
Sleep Mode (Note 3)
l
l
l
236
186
1
380
290
3
µA
µA
µA
DC Performance
Short-Circuit Current Low
VOUT = 0V, VCC = 5.5V, VREF = 5.1V,
Code = 1023 (Note 9)
l
10
30
100
mA
Short-Circuit Current High
VOUT = VCC = 5.5V, VREF = 5.1V,
Code = 0 (Note 9)
l
10
27
120
mA
AC Performance
Voltage Output Slew Rate
Rising (Notes 4, 5)
Falling (Notes 4, 5)
0.60
0.25
V/µs
V/µs
Voltage Output Settling Time
Rising 0.1VFS to 0.9VFS ±0.5LSB (Notes 4, 5)
Falling 0.9VFS to 0.1VFS ± 0.5LSB (Notes 4, 5)
6
19
µs
µs
Capacitive Load Driving
1000
pF
Digital I/O
VIH
Digital Input High Voltage
VCC = 2.7V to 5.5V
VCC = 2.7V to 3.6V
l
l
2.4
2.0
V
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
VCC = 2.7V to 5.5V
l
l
0.8
0.6
V
V
VOH
Digital Output High Voltage
IOUT = –1mA, DOUT Only
l
VCC – 1
V
VOL
Digital Output Low Voltage
IOUT = 1mA, DOUT Only
l
0.4
V
ILK
Digital Input Leakage
VIN = GND to VCC
l
0.05
±10
µA
CIN
Digital Input Capacitance
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com