Electronic Components Datasheet Search
  English  ▼

X  

MSK4411 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK4411
Description  40 AMP, 34V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4411 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK4411 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
APPLICATION NOTES
MSK4411 PIN DESCRIPTIONS
V+ - is the power connection from the hybrid to the bus.
The external wiring to the pin should be sized according to
the RMS current required by the motor. This pin should be
bypassed by a high quality monolithic ceramic capacitor
for high frequencies and enough bulk capacitance to keep
the V+ power supply from drooping.
AØ OUT, BØ OUT, CØ OUT - are the connections to the
motor phase windings from the bridge output. The wiring to
these pins should be sized according to the motor current
requirements. There are no internal short circuit protection
provisions for these output pins in the hybrid. Shorts to V+
or ground from these pins must be avoided or the bridge
will be destroyed.
VRTN - is the power return connection from the hybrid to
the bus. All ground returns internal to the hybrid connect to
this point in a star configuration. All external ground con-
nections to this point should be made in a similar fashion.
The V+ capacitors should be returned to this pin as close
as possible. Wire sizing to this pin connection should be
made according to the required current.
GND - are the ground pins that connect to the ground plane
for circuitry inside the device.
BRAKE - is the pin for commanding the output bridge into
a motor brake mode. When this pin is taken low, normal
operation of the hybrid proceeds. When this pin is taken
high, the three high side switches in the bridge turn off and
the three lowside switches turn fully on. This will cause
rapid deceleration of the motor and will cease motor oper-
ation until taken low again. The pin left open is internally
pulled high.
60/120 - is a pin for selecting the orientation of the com-
mutation scheme of the motor. A high state will produce
60/300 degree commutation, where as a low state will
produce 120/240 degree commutation. Logic levels for
this input are TTL compatible. It is internally pulled high.
3
HALL A, B & C - are the hall input pins from the hall de-
vices in the motor. These pins are internally pulled up to
6.25 volts. The halls reflect a 120/240 degree commutation
scheme.
VREF - is a 6.25 volt regulated output that can be used to
power the hall devices in various motors. Up to 15 milliamps
of current is available.
SPEED COMMAND - is the input for controlling the motor
speed. The operational command voltage range should
be 0 volts to +5 volts. Negative input voltages must be
avoided while the maximum positve input voltage should
not exceed +5 volts.
8548-148 Rev. B 1/15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com