Electronic Components Datasheet Search
  English  ▼

X  

MSK4411 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4411
Description  40 AMP, 34V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4411 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4411 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4411
40 AMP, 34V, 3 PHASE
BRUSHLESS MOTOR
SPEED CONTROLLER
EQUIVALENT SCHEMATIC
FEATURES:
Formerly MSK1695
34V Maximum Supply Voltage - +28V Nominal
40 Amps DC @ 70°C Case Temperature
Shoot-through, Cross Conduction Protection
Hall Sensing and Commutation Circuitry On Board
Pulse by Pulse 50 Amp Current Limit
Open Frame Construction and Mounting
TYPICAL APPLICATIONS
Fan/Blower Speed Control
Azimuth/Elevation Antenna Control
Optical Tracking Control
Robot Velocity Control
1
PIN-OUT INFORMATION
1
2
3
4
5
6
7
8
9
10
BRAKE
60/120
HALL B
HALL C
GND
GND
GND
GND
+12V
FWD/REV
11
12
13
14
15
HALL A
VREF
SPEED COMMAND
GND
GND
L1
L2
L3
V+
VRTN
A PHASE OUT
B PHASE OUT
C PHASE OUT
+28V IN
+28V RTN
PCB PADS
HEADER CONNECTION
8548-148 Rev. B 1/15
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY


Similar Part No. - MSK4411

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4411 MSK-MSK4411_15 Datasheet
775Kb / 8P
Shoot-through, Cross Conduction Protection
More results

Similar Description - MSK4411

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5026 AEROFLEX-ACT5026 Datasheet
53Kb / 2P
ACT5026 10 AMP 3-PHASE BRUSHLESS DC MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4310HU MSK-MSK4310HU Datasheet
280Kb / 8P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410S MSK-MSK4410S Datasheet
273Kb / 8P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4462U MSK-MSK4462U Datasheet
400Kb / 8P
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK1695 MSK-MSK1695 Datasheet
335Kb / 7P
40 AMP, 34V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
logo
Renesas Technology Corp
M63155FP RENESAS-M63155FP Datasheet
847Kb / 41P
3 PHASE BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4310 ANAREN-MSK4310 Datasheet
164Kb / 9P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com