Electronic Components Datasheet Search
  English  ▼

X  

MSK4411 Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4411
Description  40 AMP, 34V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4411 Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4411 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1
=
High Level
H =
SOURCE
0
=
Low Level
L
=
SINK
X
=
Don't Care,
-
=
OPEN
Brake On
COMMUTATION TRUTH TABLE
HALL SENSOR PHASING
DIRECTION=FWD
DIRECTION=REV
120°
HALL
A
1
1
0
0
0
1
1
0
X
HALL
B
0
1
1
1
0
0
1
0
X
HALL
C
0
0
0
1
1
1
1
0
X
AØ
H
-
L
L
-
H
-
-
L
BØ
-
H
H
-
L
L
-
-
L
CØ
L
L
-
H
H
-
-
-
L
AØ
L
-
H
H
-
L
-
-
L
BØ
-
L
L
-
H
H
-
-
L
CØ
H
H
-
L
L
-
-
-
L
4
APPLICATION NOTES CONTINUED
8548-148 Rev. B 1/15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com