Electronic Components Datasheet Search
  English  ▼

X  

MSK4411 Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK4411
Description  40 AMP, 34V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4411 Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK4411 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUS VOLTAGE FILTER CAPACITORS
The size and placement of the capacitors for the DC bus has a direct bearing on the amount of noise filtered and also on the size and
duration of the voltage spikes seen by the bridge. What is being created is a series RLC tuned circuit with a resonant frequency that is
seen as a damped ringing every time one of the transistors switches. For the resistance, wire resistance, power supply impedance and
capacitor ESR all add up for the equivalent lumped resistance in the circuit. The inductance can be figured at about 30 nH per inch from
the power supply. Any voltage spikes are on top of the bus voltage and the back EMF from the motor. All this must be taken into account
when designing and laying out the system. If everything has been minimized, there is another solution. A second capacitance between
5 and 10 times the first capacitor and it should either have some ESR or a resistor can be added in series with the second capacitor to
help damp the voltage spikes.
Be careful of the ripple current in all the capacitors. Excessive ripple current, beyond what the capacitors can handle, will destroy the
capacitors.
LOW POWER STARTUP
When starting up a system utilizing the MSK4411 for the first time, there are a few things to keep in mind. First, because of the small size
of the module, short circuiting the output phases either to ground or the DC bus will destroy the bridge. The current limiting and control only
works for current actually flowing through the bridge. The current limit sensor has to see the current in order for the electronics to control it.
If possible, for startup use a lower current power supply to test out connections and the low current stability. With a limited current supply,
even if the controller locks up, the dissipation will be limited.
5
APPLICATION NOTES CONTINUED
8548-148 Rev. B 1/15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com