Electronic Components Datasheet Search
  English  ▼

X  

LTC6702 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6702
Description  Tiny Micropower, Low Voltage Dual Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6702 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6702 Datasheet HTML 3Page - Linear Technology LTC6702 Datasheet HTML 4Page - Linear Technology LTC6702 Datasheet HTML 5Page - Linear Technology LTC6702 Datasheet HTML 6Page - Linear Technology LTC6702 Datasheet HTML 7Page - Linear Technology LTC6702 Datasheet HTML 8Page - Linear Technology LTC6702 Datasheet HTML 9Page - Linear Technology LTC6702 Datasheet HTML 10Page - Linear Technology LTC6702 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC6702
7
6702fa
APPLICATIONS INFORMATION
The LTC6702 device is a fast (500ns delay), low power,
low voltage (1.7V to 5.5V supply) general purpose dual
comparator. It provides rail-to-rail outputs able to interface
to TTL/CMOS, draws low supply currents (30μA/compara-
tor), and has internal hysteresis (approximately 4mV).
Hysteresis
Each comparator has built-in hysteresis to simplify designs,
to insure stable operation in the presence of noise at the
inputs, and to reject supply rail noise. The reference voltage
applied to the input is not the exact switching threshold
value due to the built-in hysteresis. Actual output switching
typically occurs within ±2.2mV of the reference voltage,
plus or minus the input offset voltage. External positive
feedback circuitry can be employed to increase effective
hysteresis if desired, as shown in Figure 1. This circuitry
will provide an apparent effect on both the rising and fall-
ing input thresholds (the actual internal trip points remain
unaffected). If an inverting configuration with hysteresis is
needed, simply swap the VIN and VREF connections.
Unused Inputs
Any unused inputs should be connected in a way that fixes
the output logic state high or low. One easy way to do this
is to tie +IN to V+ and –IN to GND.
Input Protection
External input protection circuitry is only needed if currents
would otherwise exceed the absolute maximum rating.
Inputs driven further negative than 100mV below ground
will not cause damage provided the current is limited to
10mA. ESD protection diodes are provided to prevent
damage during handling.
Comparator Input
The allowable input voltage ranges from 100mV below GND
to within 1.2V of the positive supply. The input may be
forced below ground without causing an improper output,
though some additional input current will begin to flow
from the ESD input protection diode. The inputs can reach
up to 6V independent of the V+ supply voltage without
causing additional input current or damage to the part.
As long as one input is within the allowable input voltage
range, the LTC6702 will continue to function normally.
Comparator Output
The comparator output is a push-pull CMOS stage
guaranteed to swing to within 350mV of V+ and 250mV
of ground, over temperature when sourcing or sinking
15mA. No external pull-up/down resistor is required. To
Figure 1. Additional Hysteresis Circuit for Noninverting Configuration
Additional Hystersis
R
R
V
Trip Voltages
V
IN
=
+
1
3
•
:
(()
()
••
LH
REF
IN H
L
R
VR
RR
R
VV
→
→
=+
+
⎛
⎝⎜
⎞
⎠⎟
=
1
1
1
1
2
1
3
E
EF
R
RR
R
R
R
V
Examp
••
•
1
1
1
1
2
1
3
1
3
++
⎛
⎝⎜
⎞
⎠⎟
−
⎛
⎝⎜
⎞
⎠⎟
+
lle Additional Hysteresis
mV V
V
Rk
R
:,
==
=
+
50
5
110
2
==
=
=→ =
249
31
05
0525
k
M
FOR V
V V
L
H
V
V
REF
IN
IN
R
.:
(
)
.
(H
HL
V
→=
).
0 475
–
+
1/2 LTC6702
R2
VREF
R3
6702 F01
VIN
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com