Electronic Components Datasheet Search
  English  ▼

X  

LTC6702 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6702
Description  Tiny Micropower, Low Voltage Dual Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6702 Datasheet(HTML) 5 Page - Linear Technology

  LTC6702 Datasheet HTML 1Page - Linear Technology LTC6702 Datasheet HTML 2Page - Linear Technology LTC6702 Datasheet HTML 3Page - Linear Technology LTC6702 Datasheet HTML 4Page - Linear Technology LTC6702 Datasheet HTML 5Page - Linear Technology LTC6702 Datasheet HTML 6Page - Linear Technology LTC6702 Datasheet HTML 7Page - Linear Technology LTC6702 Datasheet HTML 8Page - Linear Technology LTC6702 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC6702
5
6702fa
TYPICAL PERFORMANCE CHARACTERISTICS
Propagation Delay
vs Supply Voltage
Propagation Delay
vs Load Capacitance
Output Rise and Fall
Times vs Load Capacitance
Output Low Voltage
vs Load Current
Output High Voltage
vs Load Current
Output Voltage vs Temperature
Propagation Delay
Propagation Delay with Load
1MHz Sinusoid Response
SUPPLY VOLTAGE (V)
1
340
360
380
4
6
320
300
280
23
5
400
420
6702 G10
FALLING
FALLING
RISING
RISING
VSTEP = 100mV
CLOAD = 10pF
25°C, 125°
–55°C
LOAD CAPACITANCE (pF)
10
200
600
700
800
100
1000
10000
6702 011
500
400
300
V+ = 1.7V
FALLING
RISING
VSTEP = 100mV
OVERDRIVE = 50mV
TA = 25°C
FALLING
RISING
V+ = 3V, 5V
LOAD CAPACITANCE (pF)
10
1
10
100
1000
100
1000
10000
6702 G12
VSTEP = 100mV
OVERDRIVE = 50mV
TA = 25°C
tf
tr
tf
tr
tf
tr
V+ = 1.7V
V+ = 3V
V+ = 5V
SINK CURRENT (mA)
0.1
0.001
0.01
0.1
1.0
1
10
100
6702 G13
V+ = 3V
V+ = 1.7V
V+ = 5V
TA = 25°C
SOURCE CURRENT (mA)
0.1
0.001
0.01
0.1
1.0
1
10
100
6702 G14
V+ = 3V
V+ = 1.7V
V+ = 5V
TA = 25°C
TEMPERATURE (°C)
–50
0
10
30
40
50
50
90
20
0
–25
75
100
25
125
60
70
80
6702 G15
LOW
LOW
HIGH
HIGH
HIGH = V+ – VOUT
IOUT = ±4mA
V+ = 1.7V
V+ = 5V
100ns/DIV
VOUT
1V/DIV
GND
VIN
50mV/DIV
6702 G16
V+ = 3V
CL = 20pF
VCM = 500mV
100ns/DIV
VOUT
1V/DIV
GND
VIN
50mV/DIV
6702 G17
V+ = 3V
CL = 20pF
VCM = 500mV
RL = 10k, 200Ω
200Ω
10k
200ns/DIV
VOUT
1V/DIV
GND
VIN
50mV/DIV
6702 G18
V+ = 3V
CL = 20pF
VCM = 500mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com