Electronic Components Datasheet Search
  English  ▼

X  

LTC6702 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6702
Description  Tiny Micropower, Low Voltage Dual Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6702 Datasheet(HTML) 4 Page - Linear Technology

  LTC6702 Datasheet HTML 1Page - Linear Technology LTC6702 Datasheet HTML 2Page - Linear Technology LTC6702 Datasheet HTML 3Page - Linear Technology LTC6702 Datasheet HTML 4Page - Linear Technology LTC6702 Datasheet HTML 5Page - Linear Technology LTC6702 Datasheet HTML 6Page - Linear Technology LTC6702 Datasheet HTML 7Page - Linear Technology LTC6702 Datasheet HTML 8Page - Linear Technology LTC6702 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC6702
4
6702fa
Supply Current
vs Supply Voltage
Supply Current
vs Temperature
Input Leakage Current
vs Input Voltage
Input Offset Current
vs Input Voltage
Input Offset Voltage
vs Supply Voltage
Hysteresis vs Supply Voltage
Input Common Mode Limits
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Toggle Rate
Maximum Toggle Rate
vs Temperature
SUPPLY VOLTAGE (V)
0
0
10
20
30
40
50
1
23
4
56
125°C
25°C
–55°C
6702 G01
TEMPERATURE (°C)
–50
20
25
35
25
75
6702 G02
15
10
–25
0
50
100
125
5
0
30
V+ = 5V
V+ = 1.7V
V+ = 3V
–55°C
INPUT VOLTAGE (V)
–1
–1
0
2
3
4
5
1
3
4
1
0
2
5
6
6702 G03
125°C
85°C
V+ = 3V
25°C
INPUT VOLTAGE (V)
–1
0
30
40
50
100
70
1
3
4
80
90
60
0
2
5
6
6702 G04
V+ = 3V
10
20
125°C
85°C
25°C
–55°C
TOGGLE RATE (Hz)
10k
200
250
300
350
400
100k
1M
10M
150
100
50
0
450
6702 G05
V+ = 1.7V
V+ = 3V
V+ = 5V
VSTEP = 200mV
OVERDRIVE = 100mV
TA = 25°C
NO CLOAD
TEMPERATURE (°C)
–50
4
25
75
6702 G06
3
–25
0
50
100
125
2
V+ = 5V
V+ = 1.7V
V+ = 3V
VSTEP = 200mV
OVERDRIVE = 100mV
CLOAD = 10pF
6702 G07
SUPPLY VOLTAGE (V)
1
1
3
5
5
–1
–3
0
2
4
–2
–4
–5
2
3
4
6
125°C
–55°C
25°C
SUPPLY VOLTAGE (V)
1
3
4
5
4
6
2
1
0
23
5
6
7
8
6702 G08
125°C
25°C
–55°C
TEMPERATURE (°C)
–50
V+ –1.0
V+ –0.5
V+
25
75
V+ –1.5
GND
–25
0
50
100
125
–0.5
–1.0
6702 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com