Electronic Components Datasheet Search
  English  ▼

X  

LTC6702 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6702
Description  Tiny Micropower, Low Voltage Dual Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6702 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6702 Datasheet HTML 4Page - Linear Technology LTC6702 Datasheet HTML 5Page - Linear Technology LTC6702 Datasheet HTML 6Page - Linear Technology LTC6702 Datasheet HTML 7Page - Linear Technology LTC6702 Datasheet HTML 8Page - Linear Technology LTC6702 Datasheet HTML 9Page - Linear Technology LTC6702 Datasheet HTML 10Page - Linear Technology LTC6702 Datasheet HTML 11Page - Linear Technology LTC6702 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC6702
9
6702fa
TYPICAL APPLICATIONS
High to Low Level Translator
Micropower Battery Monitor with Fast Response
–
+
1/2 LTC6702
6V
0V
0V
OUT
6702 TA03
1.8V
1.8V
LT6650
GND
FB
OUT
IN
500mV
1μF
0.1μF
100k
24.9k
6702 TA04
–
+
–
+
R1
909k
R2
332k
R3
1M
VBATT
OUTA (0V IF VBATT < 2.8V)
OUTB (0V IF VBATT < 2.1V)
COMPA
COMPB
LT1790-1.25
LTC6702
GND
OUT
IN
1μF
C1
0.1μF
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com