Electronic Components Datasheet Search
  English  ▼

X  

LTC6800 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6800
Description  Rail-to-Rail, Input and Output, Instrumentation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6800 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6800 Datasheet HTML 6Page - Linear Technology LTC6800 Datasheet HTML 7Page - Linear Technology LTC6800 Datasheet HTML 8Page - Linear Technology LTC6800 Datasheet HTML 9Page - Linear Technology LTC6800 Datasheet HTML 10Page - Linear Technology LTC6800 Datasheet HTML 11Page - Linear Technology LTC6800 Datasheet HTML 12Page - Linear Technology LTC6800 Datasheet HTML 13Page - Linear Technology LTC6800 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC6800

6800fb
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2002
LT 0710 REV B • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC1100
Precision Zero-Drift Instrumentation Amplifier
Fixed Gains of 10 or 100, 10µV Offset, 50pA Input Bias Current
LT®1101
Precision, Micropower, Single Supply Instrumentation
Amplifier
Fixed Gains of 10 or 100, IS < 105µA
LT1167
Single Resistor, Gain-Programmable, Precision
Instrumentation Amplifier
Single-Gain Set Resistor: G = 1 to 10,000, Low Noise: 7.5nV√Hz
LT1168
Low Power, Single Resistor, Gain-Programmable,
Precision Instrumentation Amplifier
ISUPPLY = 530µA
LTC1043
Dual Precision Instrumentation Switched-Capacitor
Building Block
Rail-to-Rail Input, 120dB CMRR
LT1789-1
Single Supply, Rail-to-Rail Output, Micropower
Instrumentation Amplifier
ISUPPLY = 80µA Maximum
LTC2050
Zero-Drift Operational Amplifier
SOT-23 Package, 3µV Max VOS, 30nV/°C Max Drift
LTC2051
Dual Zero-Drift Operational Amplifier
MS8 Package, 3µV Max VOS, 30nV/°C Max Drift
LTC2052
Quad Zero-Drift Operational Amplifier
GN-16 Package, 3µV Max VOS, 30nV/°C Max Drift
LTC2053
Single Supply, Zero-Drift, Rail-to-Rail Input and Output
Instrumentation Amplifier
MS8 Package, 10µV Max VOS, 50nV/°C Max Drift
Differential Bridge Amplifier
+
–
LTC6800
2
3
7
8
0.1µF
3V
R < 10k
4
5
6
R2 10k
6800 TA06
OUT
0.1µF
R1
10
GAIN = 1 + R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com