Electronic Components Datasheet Search
  English  ▼

X  

LTC6800 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6800
Description  Rail-to-Rail, Input and Output, Instrumentation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6800 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6800 Datasheet HTML 2Page - Linear Technology LTC6800 Datasheet HTML 3Page - Linear Technology LTC6800 Datasheet HTML 4Page - Linear Technology LTC6800 Datasheet HTML 5Page - Linear Technology LTC6800 Datasheet HTML 6Page - Linear Technology LTC6800 Datasheet HTML 7Page - Linear Technology LTC6800 Datasheet HTML 8Page - Linear Technology LTC6800 Datasheet HTML 9Page - Linear Technology LTC6800 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC6800

6800fb
VREF (V)
0
30
20
10
0
–10
–20
–30
6800 G16
1
2
3
4
VS = 3V
VS = 5V
VIN+ = VIN– = REF
G = 10
TA = 25°C
OUTPUT VOLTAGE (V)
–2.4
10
8
6
4
2
0
–2
–4
–6
–8
–10
–1.4
–0.4 0.1
6800 G17
–1.9
–0.9
0.6 1.1 1.6
VS = ±2.5V
VREF = 0V
G = 1
RL = 10k
TA = 25°C
OUTPUT VOLTAGE (V)
–2.4
10
8
6
4
2
0
–2
–4
–6
–8
–10
–1.4
–0.4
6800 G18
0.6
1.6
2.6
VS = ±2.5V
VREF = 0V
G = 10
RL = 10k
TA = 25°C
FREQUENCY (Hz)
1
130
120
110
100
90
80
70
10
100
1000
6800 G19
VS = 3V, 5V
VIN = 1VP-P
TA = 25°C
–
+
R+
R–
R+ = R– = 1k
R+ = R– = 10k
R+ = 10k, R– = 0
R+ = 0 , R– = 10k
FREQUENCY (Hz)
1
300
250
200
150
100
50
0
10
100
1000
10000
6800 G20
G = 10
TA = 25°C
VS = 5V
VS = 3V
TIME (s)
–5
3
2
1
0
–1
–2
–3
–3
–1
1
3
6800 G21
5
VS = 3V
TA = 25°C
TIME (s)
–5
3
2
1
0
–1
–2
–3
–3
–1
1
3
6800 G22
5
VS = 5V
TA = 25°C
OUTPUT CURRENT (mA)
0.01
0.1
1
10
6800 G23
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TA = 25°C
VS = 5V, SOURCING
VS = 3V, SOURCING
VS = 5V, SINKING
VS = 3V, SINKING
SUPPLY VOLTAGE (V)
2.5
6800 G24
4.5
3.5
5.5
6
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
TA = –55°C
TA = 85°C
TA = 125°C
TA = 0°C
Typical perForMance characTerisTics
Input Referred Noise
in 10Hz Bandwidth
Output Voltage Swing
vs Output Current
Supply Current vs Supply Voltage
CMRR vs Frequency
Input Voltage Noise Density
vs Frequency
Input Referred Noise
in 10Hz Bandwidth
VOS vs VREF
Gain Nonlinearity, G = 1
Gain Nonlinearity, G = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com